Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18K202-270L5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 18K202-270L5
Description  RIGHT ANGLE JACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

18K202-270L5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  18K202-270L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 18K202-270L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
Mini SMP
RIGHT ANGLE JACK
18K202-270L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
email: info@rosenberger.de
www.rosenberger.de
1 / 2
All dimensions are in mm; tolerances acc. ISO 2768 m-H
Interface
According to
MIL-STD-348
Mateable with GPPOTM (Gilbert Engineering Co., Inc.)
and SSMPTM (Connectors Devices, Inc.)
Documents
Assembly instruction
18 B1
Material and plating
Connector parts
Material
Plating
Center contact
CuBe
AuroDur®, gold plated
Outer contact
CuBe
AuroDur®, gold plated
Body
Brass
AuroDur®, gold plated
Dielectric
PTFE


Similar Part No. - 18K202-270L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
18K201-271L5 ROSENBERGER-18K201-271L5 Datasheet
39Kb / 2P
Mini SMP RIGHT ANGLE JACK
18K201-301L5 ROSENBERGER-18K201-301L5 Datasheet
41Kb / 2P
Mini SMP RIGHT ANGLE JACK
18K203-270L5 ROSENBERGER-18K203-270L5 Datasheet
576Kb / 2P
Mini-SMP RIGHT ANGLE JACK
More results

Similar Description - 18K202-270L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
88K203-302L5 ROSENBERGER-88K203-302L5 Datasheet
41Kb / 2P
RIGHT ANGLE JACK
88K203-3V2L5 ROSENBERGER-88K203-3V2L5 Datasheet
42Kb / 2P
RIGHT ANGLE JACK
D4K2RE-1D5A5-Y ROSENBERGER-D4K2RE-1D5A5-Y Datasheet
757Kb / 3P
RIGHT ANGLE JACK
D4K2UE-1D5A5-Y ROSENBERGER-D4K2UE-1D5A5-Y Datasheet
772Kb / 3P
RIGHT ANGLE JACK
99K2LL-1D5A5-Y ROSENBERGER-99K2LL-1D5A5-Y Datasheet
262Kb / 3P
RIGHT ANGLE JACK
99K20D-1D5A5-Y ROSENBERGER-99K20D-1D5A5-Y Datasheet
752Kb / 3P
RIGHT ANGLE JACK
D4K25A-1D5A5-Y ROSENBERGER-D4K25A-1D5A5-Y Datasheet
716Kb / 3P
RIGHT ANGLE JACK
E4K24A-1AKX5-Y ROSENBERGER-E4K24A-1AKX5-Y Datasheet
144Kb / 3P
RIGHT ANGLE JACK
E4K24R-1AKX5-Y ROSENBERGER-E4K24R-1AKX5-Y Datasheet
186Kb / 3P
RIGHT ANGLE JACK
D4K20E-1D5A5-Y ROSENBERGER-D4K20E-1D5A5-Y Datasheet
769Kb / 3P
RIGHT ANGLE JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com