Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXD Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # EXD
Description  High durability, high efficiency
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

EXD Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  EXD Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Laird's in-building wireless antennas are particularly applicable in environments where aesthetics and
wide angle coverage are necessary for successful wireless deployment. Their surprisingly small size
allow the antennas to be hidden almost anywhere, providing an invisible solution for most applications.
External antennas are weather resistant and waterproof high-gain anntenas that provide an excellent
choice
for outdoor and indoor installation, and can be mounted on the outside of a housing.
Our antennas products are designed for maximum efficiency and are customizable and scalable to
meet your frequency and application requirements. Contact Laird today for your complete application
solutions!
FEATURES
•
Injection molded ¼ wave helical antenna
•
High durability, high efficiency
•
Textured finish with strain-relief base
•
Available in various standard connectors
ANT-DS-EXD 1216
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials
rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or
suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind.
All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon
request. © Copyright 2016 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade
marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any
Laird Technologies or any third party intellectual property rights.
EXD
Two-Way Radio Antenna
FREQUENCIES AND CONNECTORS
PART#
FREQUENCY BAND CONNECTORS
AVERAGE LENGTH
EXD400
400-420 MHz
BN, BNX, KR, MD, MX, MXI, SF, SFU, SM, SMI, SMV,TN & TNX
3.4” - 3.8”
EXD410
SMV
EXD420
420-450 MHz
BN, BNX, KR, MD, MX, SF, SFU, SM, SMV,TN & TNX
3.3” – 3.59”
EXD450
450-470 MHz
BN, BNX, KR, MD, MX, MXI, SF, SM, SMI, SMV,TN & TNX
2.95” – 3.88”
EXD470
470-512 MHz
BN, BNX, KR, MD, MX, MXI, SF, SFU, SM, SMI, SMV,TN & TNX
2.8” – 3.6”
The EXD model antenna is available in the above frequencies and connectors. Order by antenna model, frequency and
connector.
For example: EXD450MX. Length of each antenna will vary according to the connector chosen. Specifications subject to change
without notice.
PARAMETER
SPECIFICATION
Frequency Range
UHF
Nominal Impedance
50 ohms
VSWR
1.5:1 max at resonance
Polarization
Vertical
Temperature Range
-40°C to +85°C
Drop Test
1M
EXD450
Americas: +1.847 839.6925
IAS-AmericasSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia:
IAS-AsiaSales@lairdtech.com
Middle East & Affrica: +44.1628.858941
IAS-MEASales@lairdtech.com
www.lairdtech.com


Similar Part No. - EXD

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
EXD-AR-3 HONEYWELL-EXD-AR-3 Datasheet
942Kb / 7P
Interactive Catalog Replaces Catalog Pages
EXD-AR30-3 HONEYWELL-EXD-AR30-3 Datasheet
942Kb / 7P
Interactive Catalog Replaces Catalog Pages
EXD-Q-3 HONEYWELL-EXD-Q-3 Datasheet
942Kb / 7P
Interactive Catalog Replaces Catalog Pages
More results

Similar Description - EXD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRC686M06 ETC1-NRC686M06 Datasheet
1Mb / 27P
High-Temperature Durability
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
High efficiency
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
High efficiency
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
High efficiency
logo
List of Unclassifed Man...
GP-1000HD ETC2-GP-1000HD Datasheet
731Kb / 2P
Designed for high durability applications
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
High Efficiency
logo
Hirose Electric
MRF14 HIROSE-MRF14 Datasheet
168Kb / 1P
MRF14 Series Non-magnetic, High Durability Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com