Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3JB Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # ES3JB
Description  Surface Mount Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES3JB Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ES3JB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES3JB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES3JB Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
ES3AB--ES3JB
Document Number: SMB103AA
www.gmicroelec.com
1
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with Alcohol ,Isopropanol and similar solvents
The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case: DO-214AA molded plastic
Terminals: Solder able per MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES3AB
ES3BB
ES3CB
ES3DB
ES3GB
ES3HB
ES3JB
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
400
500
600
V
Maximum average forward rectified current
@TA=100℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load @TJ=125℃
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
ES3AB
ES3BB
ES3CB
ES3DB
ES3GB
ES3HB
ES3JB
UNITS
Typical junction capacitance
(Note2)
CJ
45
p F
Typical thermal resistance
(Note3)
RθJA
25
℃
/W
Operating junction temperature range
TJ
- 55 ---- + 150
℃
Storage temperature range
TSTG
- 55 ---- + 150
℃
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES3AB
ES3BB
ES3CB
ES3DB
ES3GB
ES3HB
ES3JB
UNITS
Maximum instantaneous forward voltage at3.0 A
VF
0.95
1.25
1.70
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
IR
10
500
μ A
Maximum reverse recovery time (Note1)
trr
35
ns
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A
2. Measured at 1.0MHZ and applied reverse voltage of 4.0VDC
3. Thermal resistance from junction to ambient and junction to lead P.C.B. mounted on 0.27''X0.27''(7.0X7.0mm2) copper
pad areas
Pb
Lead-free


Similar Part No. - ES3JB

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ES3JB WEITRON-ES3JB Datasheet
329Kb / 3P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES3JB GOOD-ARK-ES3JB Datasheet
153Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Weitron Technology
ES3JB WEITRON-ES3JB Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Shenzhen Taychipst Elec...
ES3JB TAYCHIPST-ES3JB Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
ES3JB YENYO-ES3JB Datasheet
673Kb / 2P
Surface Mount Efficient Fast Recovery Rectifier
More results

Similar Description - ES3JB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com