Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACFM-7103 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7103
Description  Single Antenna connection for PCS and Cell band duplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7103 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7103 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ACFM-7103 Electrical Specifications, TC [1] [2] as indicated, Dual Antenna Connection [4]
Symbol
Parameter
Units
– 30°C
+25°C
+85°C
Min
Typ [3] Max
Min
Typ [3] Max
Min
Typ [3] Max
GPS Filter Performance
Antenna–2 Port to GPS Receive Port
S47
Insertion Loss in GPS Band (L1)
(1574.4–1576.4 MHz)
dB
1.6
0.8
1.6
1.7
S47
Insertion Loss Ripple (p-p)
in GPS Band
dB
0.5
S44
Return Loss of GPS Port in GPS Band
dB
9
9
20
9
S77
Return Loss of Antenna–2 Port
in GPS Band
dB
9
9
23
9
Isolation – Cellular Transmit Port to GPS Port[5]
S45
Isolation in Cellular Tx Band
(824–849 MHz)
dB
50
50
54
50
S45
Isolation in GPS Band
(1574.4–1576.4 MHz)
dB
40
40
55
40
Isolation – PCS Transmit Port to GPS Port [5]
S42
Isolation in PCS Tx Band
(1850.5 – 1909.5 MHz)
dB
45
45
51
45
S42
Isolation in GPS Band
(1574.4–1576.4 MHz)
dB
40
40
46
40
Cellular Duplexer Performance
Antenna–1 Port to Cellular Receive Port
S61
Insertion Loss in Rx band
(869–894 MHz)
dB
3.6
1.5
3.6
3.6
S61
Insertion Loss Ripple (p-p) in Rx Band dB
1.5
S61
Attenuation in Tx band
(824–849 MHz)
dB
55
55
66
50
S61
Attenuation 0–804 MHz
dB
25
25
36
25
S61
Attenuation in Tx 2nd harmonic
band (1648–1698 MHz)
dB
30
30
54
30
S61
Attenuation in Tx 3rd harmonic
band (2472–2547 MHz)
dB
19
19
44
19
S66
Return Loss of Rx Port in Rx Band
(869–894 MHz)
dB
9
9
17
9
S11
Return Loss of Antenna–1 Port
in Rx Band (869–894 MHz)
dB
9
9
17
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com