Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6441 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6441
Description  36-40 GHz, 0.4W Power Amplifi er in SMT Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6441 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6441 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer per AMMC-6120 published specifications.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance may
be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise (Гopt)
matching.
Table 1. RF Electrical Characteristics
TA=25°C, Vd=5.0V, Idq=0.45V, Vg=-1V, Zo=50 Ω
Parameter
Min
Typ.
Max
Unit
Operational Frequency, Freq
36
40
GHz
Small-signal Gain, Gain
18
20
dB
Output Power at 1dB Gain Compression, P-1dB
24.5
26
dBm
Relative Third Order Inter-modulation level
(Δf=10MHz, Po=+12dBm, SCL), IM3
-38
dBc
Input Return Loss, Rlin
10
dB
Output Return Loss, Rlout
10
dB
Reverse Isolation, Isolation
45
dB
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared microscopy. Thermal
Resistance at backside temperature (Tb) = 25°C calculated from measured data.
Description
Min.
Typical
Max.
Unit
Comments
Drain Supply Current, Idq
450
mA
Vd = 5V, Vg set for Id Typical
Gate Supply Operating Voltage, Vg
-1.3
-1
-0.7
V
Idq=450mA
Table 3. Thermal Properties
Parameter
Test Conditions
Value
Channel Temperature, Tch
Tch=150 °C
Thermal Resistance
(Channel-to-Base Plate),
ch-bs
Channel-to-backside Thermal Resistance Tchannel(Tc)=34°C
Thermal Resistance at backside temperature Tb=25°C
Jc = 34 °C/W
Note:
1. Assume SnPb soldering to an evaluation RF board at 85 °C base plate temperatures. Worst case is at saturated output power when DC power
consumption rises to 5.24W with 0.9W RF power delivered to load. Power dissipation is 4.34W and the temperature rise in the channel is 72.9 °C. In
this condition, the base plate temperature must be remained below 82.1 °C to maintain maximum operating channel temperature below 155 °C.
Absolute Minimum and Maximum Ratings
Table 4. Minimum and Maximum Ratings
Description Pin
Min.
Max.
Unit
Comments
Drain Supply Voltage, Vd
5.5
V
Gate Supply Voltage, Vg
-2
0
Power Dissipation, P¬D
3
CW Input Power, Pin
20
dBm
CW
Channel Temperature
+150
°C
Storage Temperature
-65
+155
°C
Maximum Assembly Temperature
+260
°C
30 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com