Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAM-91563 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # IAM-91563
Description  0.8?? GHz 3V Downconverter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

IAM-91563 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  IAM-91563 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED IAM-91563 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED IAM-91563 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED IAM-91563 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED IAM-91563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED IAM-91563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED IAM-91563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED IAM-91563 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED IAM-91563 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image

Thermal Resistance [2]: θ
ch-c = 30°C/W
Notes:
. Permanent damage may occur if any of
these limits are exceeded.
. TC = 5°C (TC is defined to be the
temperature at the package pins where
contact is made to the circuit board).
IAM-91563 Electrical Specifications, T
C = 25°C, Vd = 3 V
Symbol
Parameters and Test Conditions
Units
Min.
Typ. Max.
Std Dev[2]
G
test
Gain in test circuit[]
RF=890 MHz, IF=50 MHz
dB
4.0
9.0
NF
test
Noise Figure in test circuit[]
RF=890 MHz, IF=50 MHz
dB
8.5
.0
I
d
Device Current
mA
6.0
9.0
.0
NF
Noise Figure (RF & IF with external matching,
f = 0.9 GHz
dB
7.0
IF=50 MHz, LO power=-5 dBm)
f = .9 GHz
8.5
0.5
f = .4 GHz
.0
f = 4.0 GHz
6.5
f = 6.0 GHz
8.0
G
c
Conversion gain (RF and IF with external matching,
f = 0.9 GHz
dB
.0
IF=50 MHz, LO power=-5 dBm)
f = .9 GHz
9.0
.5
f = .4 GHz
7.7
f = 4.0 GHz
4.6
f = 6.0 GHz
.7
P
 dB
Output power @  dB compression (RF and IF with
f = 0.9 GHz
dBm
-6.7
external matching, IF=50 MHz, LO power =-5 dBm)
f = .9 GHz
-8.0
.3
f = .4 GHz
-8.7
f = 4.0 GHz
-5.0
f = 6.0 GHz
-7.8
RL
RF
RF port return loss
f = 0.5 - 6.0 GHz
dB
-.7
0.
RL
LO
LO port return loss
f = 0.5 - 6.0 GHz
dB
-9.4
0.3
RL
IF
IF port return loss
f = 50 - 700 MHz
dB
-3.7
0.
IP
3
Input Third Order Intercept Point
RF = .9 GHz, IF = 50 MHz
dBm
-6.0
.3
I
d = 9.0 mA, LO power = -5 dBm
IP
3
Input Third Order Intercept Point
RF = .9 GHz, IF = 50 MHz
dBm
0
.
I
d = 5 mA, LO power = - dBm
ISOL
L-R
LO-RF Isolation
RF = .9 GHz
dB
8
ISOL
R-I
RF-IF Isolation (No Match)
dB

ISOL
R-I
LO-IF Isolation (No Match)
dB
4
Notes:
. Guaranteed specifications are 00% tested in the circuit in Figure 8 in the Applications Information section.
. Standard deviation number is based on measurement of at least 500 parts from three non-consecutive wafer lots during the initial characterization
of this product, and is intended to be used as an estimate for distribution of the typical specification.
IAM-91563 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
V
d
Device Voltage, RF output to ground
V
6.0
V
RF, VLO
RF voltage or LO voltage to ground
V
+0.5, -.0
P
in
CW RF Input Power
dBm
+3
T
ch
Channel Temperature
°C
50
T
STG
Storage Temperature
°C
-65 to 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com