Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-231T6 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-231T6
Description  High-Gain GPS LNA with Variable Current and Shutdown Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-231T6 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-231T6 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-231T6 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-231T6 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-231T6 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-231T6 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-231T6 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-231T6 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-231T6 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-231T6 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Absolute Maximum Rating[1] TA = 25°C
Symbol
Parameter
Units
Absolute Max.
Vdd
Device Drain to Source Voltage[2]
V
3.6
Idd
Drain Current[2]
mA
15
Pin,max
CW RF Input Power (Vdd = 2.7V, Idd = 6mA)
dBm
13
Pdiss
Total Power Dissipation[4]
mW
54
Tc[5]
Recommended Operating Temperature[6]
°C
-40 to +85
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device in excess of any of these limits may cause permanent damage.
2. Assuming DC quiescent conditions.
3. Thermal resistance measured using Infra-Red measurement technique.
4. Board (module belly) temperature TB is 25°C. Derate 6.63 mW/°C for Tb > 141.86°C
5. Tc is defined as case temperature, the temperature of the underside of the device where it makes contact with the circuit board
6. The device will function over the recommended range without degradation in reliability or permanent change in performance, but is not
guaranteed to meet the electrical specification.
Thermal Resistance [3]
(Vdd = 2.85V, Vsd = 1.8V,
Idd = 4mA),
jc = 150.8°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com