Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFD20 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # WFD20
Description  Waterflow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFD20 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  WFD20 Datasheet HTML 1Page - Systemsensor advanced ideas. WFD20 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WFD Series
Waterflow Detector
Robust Construction. The WFD series consists of a rugged,
NEMA 4-rated enclosure. Designed for both indoor and outdoor
use, the WFD series operates across a wide temperature range, from
32°F to 120°F.
Reliable Performance. UL-listed models are equipped with
tamper-resistant cover screws to prevent unauthorized entry. Inside,
two sets of SPDT (Form C) synchronized switches are enclosed in a
durable terminal block to assure reliable performance.
False Alarm Immunity. The WFD series incorporates a mechanical
retard feature, which minimizes the risk of false alarm due to
pressure surges or air trapped in the sprinkler system. In addition,
the mechanical retard’s unique sealed design is immune to dust and
other contaminants.
Simplified Operation. The WFD series is designed to simplify
installation. Two conduit openings permit easy attachment to the
local alarm system. The retard mechanism and dual SPDT switches
are field-replaceable.
Agency Listings
The System Sensor WFD series is compatible
with schedule 10 through 40 steel pipe, sizes
2˝ through 8˝, and can be mounted in a vertical
or horizontal position.
Features
• Two-inch mounting hole provided in new WFD30-2 models
• UL-listed models are NEMA 4 rated
• Sealed retard mechanism immune to dust and other contaminants
• Visual switch activation
• Field-replaceable retard mechanism and SPDT switches
• Rugged, dual SPDT switches enclosed in a durable terminal block
• Accommodates up to 12 AWG wire
• Designed for both indoor and outdoor use
• 100 percent synchronization activates both alarm panel and
local bell
• Tamper-resistant cover screws
167-93-E
7770-1653:114
3006195
CS169
S739


Similar Part No. - WFD20

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
WFD20E SYSTEMSENSOR-WFD20E Datasheet
179Kb / 2P
Waterfl ow Detector
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
WFD20N SYSTEMSENSOR-WFD20N Datasheet
663Kb / 2P
Waterflow Detector
logo
Shenzhen Winsemi Microe...
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
Silicon N-Channel MOSFET
More results

Similar Description - WFD20

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
AFDT SYSTEMSENSOR-AFDT Datasheet
88Kb / 2P
Solid State Waterflow Detectors
LFD30-2 SYSTEMSENSOR-LFD30-2 Datasheet
130Kb / 2P
Low Flow Rate Waterflow Detectors
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
logo
Gamewell-FCI by Honeywe...
117-2110A GAMEWELL-FCI-117-2110A Datasheet
50Kb / 1P
WATERFLOW AND SUPERVISORY SWITCHES
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
WFDN SYSTEMSENSOR-WFDN Datasheet
663Kb / 2P
Waterflow Detector
WFDTN SYSTEMSENSOR-WFDTN Datasheet
494Kb / 2P
Waterflow Detector
logo
JFW Industries, Inc.
50D-050 JFW-50D-050_17 Datasheet
26Kb / 1P
DETECTOR
50D-052 JFW-50D-052_17 Datasheet
27Kb / 1P
DETECTOR
75D-010 JFW-75D-010_17 Datasheet
26Kb / 1P
DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com