Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFD35 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # WFD35
Description  Waterflow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFD35 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  WFD35 Datasheet HTML 1Page - Systemsensor advanced ideas. WFD35 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Engineering Specifications
Vane-type waterflow detectors shall be installed on system piping as designated on the drawing and/or as specified herein. Detectors shall mount on any
clear pipe span of the appropriate nominal size, either a vertical upflow or horizontal run, at least 6˝ from any fittings that may change water direction,
flow rate, or pipe diameter or no closer than 24˝ from a valve or drain. Detectors shall have a sensitivity in the range of 4 to 10 gallons per minute and a
static pressure rating of 450 psi* for 2˝ – 8˝ pipes. The detector shall respond to waterflow in the specified direction after a preset time delay that is field
adjustable. The delay mechanism shall be a sealed mechanical pneumatic unit with visual indication of actuation. The actuation mechanism shall include
a polyethylene vane inserted through a hole in the pipe and connected by a mechanical linkage to the delay mechanism. Outputs shall consist of dual
SPDT switches (Form C contacts). Two conduit entrances for standard fittings of commonly used electrical conduit shall be provided on the detectors.
A grounding provision is provided. Unless noted, enclosures shall be NEMA 4 listed by Underwriters Laboratories Inc. All detectors shall be listed by
Underwriters Laboratories Inc. for indoor or outdoor use.
Waterflow Detector Specifications
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2009 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0180-013 • 1/09 • #1922
Standard Specifications
Static Pressure Rating
450 PSI*
Operating Temperature Range 32°F to 120°F (0°C to 49°C)
Maximum Surge
18 Feet Per Second (FPS)
Enclosure Rating*
NEMA 4 – suitable for indoor/outdoor use
Triggering Threshold
Bandwidth (Flow Rate)
4–10 GPM
Cover Tamper Switch
Standard with ULC models, optional for UL
models, part no. 546-7000
Conduit Entrances
Two openings for ½˝ conduit.
One open, one knock-out type
Service Use
Automatic Sprinkler: NFPA-13
One or Two Family Dwelling: NFPA 13D
Residential Occupancies up to 4 Stories: NFPA 13R
National Fire Alarm Code: NFPA-72
Contact Ratings
Two sets of SPDT (Form C)
10.0 A, ½ HP @ 125/250 VAC
2.5 A @ 6/12/24 VDC
U.S. Patent Numbers
5,213,205
Compatible Pipe
Steel water pipe, schedule 10 through 40
Warranty
3 Years
DELAY
ADJUSTMENT
DIAL
45
TI
ME
DEL
AY IN SECO
ND
S
MB
ER
ON
DIAL IS APPR
OXIM
A
NOTE: RETARD TIME MAY EXCEED 90 SECONDS. ADJUST
AND VERIFY THAT TIME DOES NOT EXCEED 90 SECONDS.
NUMBER ON DIAL IS APPROXIMATE TIME DELAY IN
SECONDS WITH AN ACCURACY OF +/− 50%.
Delay Adjustment Dial
+
+
–
–
SSM24-X
SSV120-X
NOTE: COMMON AND B-NO
CONNECTIONS WILL CLOSE
WHEN VANE IS DEFLECTED, I.E.,
WHEN WATER IS FLOWING. DUAL
SWITCHES PERMIT
APPLICATIONS TO BE COMBINED
ON A SINGLE DETECTOR.
BREAK WIRE AS
SHOWN FOR
SUPERVISION OF
CONNECTION. DO
NOT ALLOW
STRIPPED WIRE
LEADS TO EXTEND
BEYOND SWITCH
HOUSING. DO NOT
LOOP WIRES.
POWER
24VDC OR
120VDC
INITIATING
LOOP
UL-LISTED
COMPATIBLE
CONTROL PANEL
CONTACT RATINGS
125/250 VAC
24 VDC
10 AMPS
2.5 AMPS
SCHEMATIC OF
INDIVIDUAL
SWITCH IN
“NO WATERFLOW”
CONDITION
SUGGESTED EOL
RESISTOR
B-NO
COM
A-NC
WFD Field Wiring Diagram
Ordering Information
UL Model
ULC Model
Pipe Size
Hole Size
Shipping Weight
WFD20
WFD20A
2˝
1¼˝
4.2 lbs.
WFD25
WFD25A
2½˝
1¼˝
4.3 lbs.
WFD30-2
WFD30-2A
3˝
2˝
4.5 lbs.
WFD35
WFD35A
3½˝
1¼˝
4.7 lbs.
WFD40
WFD40A
4˝
2˝
5.2 lbs.
WFD50
WFD50A
5˝
2˝
6.3 lbs.
WFD60*
WFD60A
6˝
2˝
6.8 lbs.
WFD80*
WFD80A
8˝
2˝
7.5 lbs.
Accessories
A3008-00
Retard mechanism
A77-01-02
Terminal block
546-7000
Tamper-proof switch kit
WFDW
Tamper-proof wrench for cover
WFDN4
Gasket kit
*Maximum pressure rating 400 psi as approved by Factory Mutual.
3.0″
3.75″
Pipe saddle
U bolt nut
Width: See Table
Plastic vane
Pipe
U bolt
1.6″
Model
WFD20
WFD25
WFD30-2
WFD35
Width
4.6″
4.6″
5.2″
5.7″
Model
WFD40
WFD50
WFD60
WFD80
Width
6.8″
7.8″
9.0″
10.8″
Overall Dimensions, Installed



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com