Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFDN Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # WFDN
Description  Waterflow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFDN Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  WFDN Datasheet HTML 1Page - Systemsensor advanced ideas. WFDN Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Engineering Specifications
Vane-type waterflow detectors shall be installed on system piping as designated on the drawing and/or as specified herein. Detectors shall
mount on any clear pipe span of the appropriate nominal size, either a vertical upflow or horizontal run, at least 6 in. from any fittings that may
change water direction, flow rate, or pipe diameter or no closer than 24 in. from a valve or drain. Detectors shall have a sensitivity in the range of
4 to 10 gallons per minute and a static pressure rating of 450 psi for 2 in. – 8 in. pipes. The detector shall respond to waterflow in the specified
direction after a preset time delay that is field adjustable. The delay mechanism shall be a sealed mechanical pneumatic unit with visual and
audible indication of actuation. The actuation mechanism shall include a ethylene vinyl acetate vane inserted through a hole in the pipe and
connected by a mechanical linkage to the delay mechanism. Outputs shall consist of dual SPDT switches (Form C contacts). Two conduit
entrances for standard fittings of commonly used electrical conduit shall be provided on the detectors. A grounding provision is provided. Unless
noted, enclosures shall be NEMA 4 listed by Underwriters Laboratories Inc. All detectors shall be listed by Underwriters Laboratories Inc. for
indoor or outdoor use.
Waterflow Detector Specifications
Standard Specifications
Static Pressure Rating
450 PSI
Operating Temperature Range
32°F to 150°F (0°C to 66°C)
Maximum Surge
18 Feet Per Second (FPS)
Enclosure Rating*
NEMA 4 – suitable for indoor/outdoor use
Triggering Threshold
Bandwidth (Flow Rate)
4–10 GPM
Cover Tamper Switch
Standard with ULC models, optional for
UL models, part no. CTS
Conduit Entrances
Two openings for ½ in. conduit.
NEMA 4 rated plugs
Service Use
Automatic Sprinkler: NFPA-13
One or Two Family Dwelling: NFPA 13D
Residential Occupancies up to 4 Stories:
NFPA 13R National Fire Alarm Code: NFPA-72
Contact Ratings
Two sets of SPDT (Form C)
10.0 A, ½ HP @ 125/250 VAC
2.5 A @ 6/12/24 VDC
Warranty
3 Years
Compatible Pipe
Steel water pipe, schedule
7 through 40*
WFDN Field Wiring Diagram
8.9 CM
(3.5")
6.6 CM
(2.6")
PIPE DIAMETER
PLUS 12.7 CM
(5")
PIPE
VANE
OVERALL WIDTH = PIPE DIAMETER + 6.4 CM (2.5")
U-BOLT
NUT
PIPE
SADDLE
U-BOLT
PIPE
Overall Dimensions, Installed
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
www.systemsensor.com
©2016 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com
for current product information, including the latest version of this data sheet.
WFDS87903 • 11/16
Ordering Information
UL Model
ULC Model
Pipe Size
Hole Size
Shipping Weights
WFD20N
WFD20NA
2 in.
1¼ in.
2.6 lbs.
WFD25N
WFD25NA
2½ in.
1¼ in.
2.6 lbs.
WFD30N
WFD30NA
3 in.
2 in.
3.1 lbs.
WFD40N
WFD40NA
4 in.
2 in.
4.0 lbs.
WFD50N
WFD50NA
5 in.
2 in.
4.9 lbs.
WFD60N
WFD60NA
6 in.
2 in.
5.6 lbs.
WFD80N
WFD80NA
8 in.
2 in.
7.3 lbs.
Accessories
FS-RT
Delay mechanism and switch assembly
CTS
Tamper-proof switch kit
WFDW
Tamper-proof wrench for cover
* 2 in. - 4 in. rated for use with Schedule 7 through 40 pipe, 6 in. - 8 in. rated for use with Schedule 10 through 40 pipe.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com