Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1150ADS50 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP1150ADS50
Description  14V Input / 200mA Output LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS50 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP1150ADS50 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 13 -
2014/10
11.3
Bias voltage and temperature characteristics of the ceramic capacitor
Generally, a ceramic capacitor has both a temperature characteristic and a voltage characteristic. Please
consider both characteristics when selecting the part. The B curves are the recommend characteristics.
Capacitance versus Voltage
Capacitance versus Ambinet Temperature
0
40
100
90
70
2
4
6
8
10
12
80
60
50
B Curve
F Curve
Bias Voltage(V)
-50
40
100
90
70
-25
0
25
50
75
100
80
60
Ambinet Temperature(°C)
50
B Curve
F Curve
11.4 On/off control
It is recommended to turn the regulator off when the circuit following the regulator is non-operating. A design
with little electric power loss can be implemented. We recommend the use of the on/off control of the
regulator without using a high side switch to provide an output from the regulator. A highly accurate output
voltage with low voltage drop is obtained. Because the Vcont terminal current is small, it is possible to control
it directly by CMOS logic.
REG
Vsat
On/Off Cont.
Figure 4. Equivalent circuit of output
11.5 Noise Bypass
The noise and the ripple rejection characteristics depend on the capacitance on the Np terminal. The ripple
rejection characteristic of the low frequency region improves by increasing the capacitance of Cnp. A standard
value is Cnp=0.001F. Increase Cnp in a design with important output noise and ripple rejection requirements.
The IC will not be damaged if the capacitor value is increased. The on/off switching speed changes depending
on the Np terminal capacitance. The switching speed slows when the capacitance is large.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com