Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIRC16DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIRC16DP
Description  N-Channel 25 V (D-S) MOSFET with Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRC16DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIRC16DP Datasheet HTML 1Page - Vishay Siliconix SIRC16DP Datasheet HTML 2Page - Vishay Siliconix SIRC16DP Datasheet HTML 3Page - Vishay Siliconix SIRC16DP Datasheet HTML 4Page - Vishay Siliconix SIRC16DP Datasheet HTML 5Page - Vishay Siliconix SIRC16DP Datasheet HTML 6Page - Vishay Siliconix SIRC16DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SiRC16DP
www.vishay.com
Vishay Siliconix
S16-1703-Rev. B, 05-Sep-16
3
Document Number: 77722
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
10
100
1000
10000
0
30
60
90
120
150
00.5
11.5
22.5
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 10 V thru 4 V
V
GS = 2 V
V
GS = 3 V
10
100
1000
10000
0
0.0004
0.0008
0.0012
0.0016
0.0020
0
20406080
100
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 4.5 V
V
GS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0
1428425670
Axis Title
Q
g - Total Gate Charge (nC)
2nd line
V
DS = 12.5 V
V
DS = 10 V
V
DS = 7.5 V
I
D = 10 A
10
100
1000
10000
0
30
60
90
120
150
012345
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C = -55 °C
T
C = 125 °C
10
100
1000
10000
0
1400
2800
4200
5600
7000
0
5
10
15
20
25
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss
10
100
1000
10000
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
255075
100
125
150
Axis Title
T
J - Junction Temperature (°C)
2nd line
I
D = 15 A
V
GS = 10 V
V
GS = 4.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com