Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMGP-6551 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMGP-6551
Description  IF frequency range from DC to 3 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMGP-6551 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMGP-6551 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ELECTRICAL SPECIFICATIONS
Table 1. Absolute Minimum and Maximum Ratings
Parameter
Specifications
Comments
Description
Min.
Max.
Unit
Supply Voltage
Vd
5
V
Control Voltage
Vc
-3
+1.5
V
LO Input Power
LO
24
dBm
MSL
MSL2A
Channel Temperature
150
°C
Storage Temperature
-45
150
°C
Table 2. Recommended Operating Range
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Supply Voltage
Vd
3.0
3.5
4.0
V
Control Voltage
Vc
-1
0
V
Vc = -1 V for Max. Gain
Vc = 0 V for Min. Gain
Frequency Range
RF
40.5
43.5
GHz
LO
18.5
23.5
IF
DC
3
LO Power
+18
+20
+22
dBm
Bias Current
300
mA
Thermal Resistance,
ch-b
18.8
°C/W
Case Temperature
-40
+85
°C
ESD
Human Body Model
150
V
HBM Class 0 is ESD < 250 V
Machine Model
< 30
V
MM Class A is ESD < 200 V
This product is highly
sensitive to esd damage
Table 3. RF Electrical Characteristics
All data measured on Connectorized Taconic RF-35A2 demo board at Vd = 5 V, TA = 25° C, IF = 1.8 GHz @ -10 dBm,
LO = +20 dBm, Upper Side Band (RF = IF + 2*LO) and 50
 at all ports, unless otherwise specified.
Return Loss measurement includes effect of connector + PCB.
Parameter
Performance (40.5 – 43.5 GHz)
Comments
Min.
Typ.
Max.
Unit
Max. Conversion Gain
RF = 40.5 GHz
8
10.79
dB
(@ Vc = -1 V)
RF = 42 GHz
12.07
RF = 43.5 GHz
9.87
Gain Dynamic Range
24
dB
Input IP3
RF = 40.5 GHz
+4.5
8.99
dBm
IF = 10 MHz,
IF Input -10 dBm/Tone
RF = 42 GHz
5.18
RF = 43.5 GHz
9.59
Sideband REjection
15
dBc
In max gain state
LO-RF Isolation
15
dB
2*LO Leak. @RF Port
10
dBc
RF Return Loss
12
dB
IF Return Loss
12
dB
LO Return Loss
8
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com