Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMGP-6552 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMGP-6552
Description  IF frequency range from DC to 3 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMGP-6552 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMGP-6552 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ELECTRICAL SPECIFICATIONS
Table 1. Absolute Minimum and Maximum Ratings
Parameter
Specifications
Comments
Description
Min.
Max.
Unit
Supply Voltage
Vdd
6
V
RF Input Power
RF
0
dBm
MSL
MSL2
Channel Temperature
150
°C
Storage Temperature
-45
150
°C
Table 2. Recommended Operating Range
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Supply Voltage
Vd1
3
4
V
Frequency Range
RF
37
43.5
GHz
LO
17
23.25
IF
DC
3
LO Power
15
17
dBm
Bias Current
97
mA
Thermal Resistance,
ch-b
36.7
°C/W
Case Temperature
-40
+85
°C
ESD
Human Body Model
200
V
Machine Model
40
V
Table 3. RF Electrical Characteristics
All data measured on a Taconic RF-35A2 demo board at Vdd = 3 V, TA = 25° C, IF = 1 GHz, LO = 17 dBm, Lower Side Band
(RF + IF = 2*LO) and 50
 at all ports, unless otherwise specified.
Parameter
Performance
Comments
Min.
Typical
Max.
Unit
RF Return Loss
-12
dB
Conversion Gain
RF = 40.5 GHz
10.5
12.1
dB
RF = 42.0 GHz
11.8
RF = 43.5 GHz
12.6
Noise Figure
RF = 40.5 GHz
4.8
6.0
dB
RF = 42.0 GHz
4.7
RF = 43.5 GHz
5
Input IP3
RF = 40.5 GHz
-9
-4.3
dBm
RF power = -30 dBm/tone,
with
f = 10 MHz
RF = 42.0 GHz
-9
-5.8
RF = 43.5 GHz
-10
-8.7
C/I (IF/2 Suppression)
54
dBc
RF Power = -30 dBm
Image Rejection Ratio
RF = 40.5 GHz
12.5
17.2
dB
RF = 42.0 GHz
19.5
RF = 43.5 GHz
20.2
LO Return Loss
-12
dB
LO power = 17 dBm
IF Return Loss
-12
dB
LO power = 17 dBm
Note: Conversion Gain, Noise Figure, Input IP3 and Image Rejection Ratio measurement accuracy is subjected to the tolerance of ± 0.2 dB, ± 0.2 dB,
± 0.2 dBm & ± 0.5 dB respectively.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com