Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-3041 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-3041
Description  Up or Down Conversion
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-3041 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-3041 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-3041 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-3041 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-3041 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-3041 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AMMC-3041 RF Specifications[1]
(Zo = 50
Ω, Tb = 25°C, IF = 2 GHz, LO Input Power = +14 dBm, RF Input Power = -20 dBm, except as noted.)
Symbol
Parameters
Test Conditions
Units
Minimum
Typical
Maximum
Lc
Conversion Loss[1]
Down Conversion
9.5
13
Up Conversion
dB
9.0
13
IIP3
Input 3rd Order Intercept Point,
fRF = 26 GHz
dBm
23
Down Conversion[2]
fRF = 38 GHz
22
P-1dB
Input Power at 1 dB Conversion
Down Conversion
dBm
16
Loss Compression
Up Conversion
dBm
5
ISOLL-R
LO - RF Isolation
fLO = 26 GHz
dB
44
fLO = 38 GHz
29
Notes:
1. 100% on-wafer RF test is done at RF frequency = 18, 22, 32, and 42 GHz.
2.
∆f = 2 MHz, RF Input Power = -10 dBm.
Spurious Mixing Products
fRF = 31 GHz, RF Input Power = -10 dBm,
fLO = 32 GHz, LO Input Power = +14 dBm.
n x LO
m x RF
0
1
2
3
4
0-
17.9
-
-
-
143
0
69
-
-
2-
88
49
95
-
3-
-
115
88
115
4-
-
-
115
115
All values are dBc relative to the IF output power level.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com