Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6550 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6550
Description  Positive polarity for Gate and Drain Bias
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6550 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6550 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6550 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6550 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6550 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6550 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6550 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6550 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6550 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AMMC-6550 Maximum Ratings [1]
Symbol
Parameters and Conditions
Units
Minimum
Maximum
Vg
Gate Supply Voltage
V
-1.2
+1.2
Pin
CW Input Power (IF and LO port)
dBm
25
Tch
Operating Channel Temperature
°C
+150
Tstg
Storage Case Temperature
°C
-65
+150
Tmax
Max. Assembly Temp (60 sec. max)
°C
+300
Note: 1. Operation in excess of any one of these conditions may result in permanent damage to this device.
AMMC-6550 DC Specifications/Physical Properties [1]
Symbol
Parameters and Test Conditions
Units
Typical
Vg
Gate Supply Operating Voltage
V
+0.4
Ig
Gate Supply Current (under any RF power drive and temperature)
mA
0
Note: 1. Ambient operational temperature Ta=25°C unless otherwise noted.
AMMC-6550 Typical performances (TA= 25°C, Vg=+0.4 V, IF frequency=1GHz, Zo=50 )
Symbol
Parameters and Test Conditions
Units
Typical
FRF
RF Frequency Range
GHz
15 - 50
FLO
LO Frequency Range
GHz
15 - 50
FIF
IF Frequency Range
GHz
DC - 5
PLO
Lo port pumping power
dBm
>10
CG
RF to IF conversion gain
dB
-10
RL_RF
RF Port Return Loss
dB
-10
RL_LO
LO Port Return Loss
dB
-15
RL_IF
IF Port Return Loss
dB
-10
IR
Image rejection ratio
dB
15
LO-RF Iso.
LO to RF port Isolation
dB
20
LO-IF Iso.
LO to IF port Isolation
dB
20
RF-IF Iso.
RF to IF port Isolation
dB
15
IIP3
Input IP3, Fdelta=100MHz, Prf=-10dBm, Plo=15dBm
dBm
20
P-1
Input port power at 1dB gin compression point, Plo=+15dBm
dBm
+10
NF
Noise Figure
dB
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com