Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3977 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3977
Description  MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3977 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3977 Datasheet HTML 1Page - Allegro MicroSystems 3977 Datasheet HTML 2Page - Allegro MicroSystems 3977 Datasheet HTML 3Page - Allegro MicroSystems 3977 Datasheet HTML 4Page - Allegro MicroSystems 3977 Datasheet HTML 5Page - Allegro MicroSystems 3977 Datasheet HTML 6Page - Allegro MicroSystems 3977 Datasheet HTML 7Page - Allegro MicroSystems 3977 Datasheet HTML 8Page - Allegro MicroSystems 3977 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3977
MICROSTEPPING DMOS DRIVER
WITH TRANSLATOR
www.allegromicro.com
3
Table 1. Microstep Resolution Truth Table
MS1
MS2
Resolution
L
L
Full step (2 phase)
H
L
Half step
L
H
Quarter step
H
H
Eighth step
A3977xLP
(TSSOP)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
LOAD
SUPPLY1
SLEEP
ENABLE
OUT1B
CP2
CP1
VCP
PGND
VREG
STEP
OUT2B
RESET
SR
LOAD
SUPPLY2
SENSE1
HOME
DIR
OUT1A
PFD
RC1
AGND
REF
RC2
LOGIC
SUPPLY
OUT2A
MS2
MS1
SENSE2
÷8
REG
VBB2
VBB1
VDD
Dwg. PP-075
Package Thermal Resistance, RθJA
A3977xLP ......................... 28
°C/W*
A3977xED ........................ 32
°C/W†
A3977xLP ......................... 33
°C/W†
*
Measured on JEDEC standard “High-K” four-layer board.
† Measured on typical two-sided PCB with three square inches
(1935 mm2) copper ground area.
50
75
100
125
150
5.0
1.0
0
AMBIENT TEMPERATURE IN
°°°°C
4.0
3.0
2.0
25
SUFFIX '–LP',
R
θJA = 33
°C/W†
Dwg. GP-018-2A
SUFFIX '–ED', R
θJA = 32
°C/W†
SUFFIX '–LP', R
θJA = 28
°C/W*
SUFFIX 'K–'
SUFFIX 'S–'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com