Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3977SLP Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3977SLP
Description  MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3977SLP Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3977SLP Datasheet HTML 4Page - Allegro MicroSystems A3977SLP Datasheet HTML 5Page - Allegro MicroSystems A3977SLP Datasheet HTML 6Page - Allegro MicroSystems A3977SLP Datasheet HTML 7Page - Allegro MicroSystems A3977SLP Datasheet HTML 8Page - Allegro MicroSystems A3977SLP Datasheet HTML 9Page - Allegro MicroSystems A3977SLP Datasheet HTML 10Page - Allegro MicroSystems A3977SLP Datasheet HTML 11Page - Allegro MicroSystems A3977SLP Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3977
MICROSTEPPING DMOS DRIVER
WITH TRANSLATOR
8
Synchronous Rectification. When a PWM off cycle
is triggered by an internal fixed off-time cycle, load
current will recirculate according to the decay mode
selected by the control logic. The A3977 synchronous
rectification feature will turn on the appropriate
MOSFETs during the current decay and effectively short
out the body diodes with the low rDS(on) driver. This will
reduce power dissipation significantly and eliminate the
need for external Schottky diodes for most applications.
The synchronous rectification can be set in either
active mode or disabled mode.
Functional Description (cont’d)
Active Mode. When the SR input is logic low, active
mode is enabled and synchronous rectification will occur.
This mode prevents reversal of the load current by turning
off synchronous rectification when a zero current level is
detected. This prevents the motor winding from conduct-
ing in the reverse direction.
Disabled Mode. When the SR input is logic high,
synchronous rectification is disabled. This mode is
typically used when external diodes are required to
transfer power dissipation from the A3977 package to the
external diodes.
Timing Requirements
(TA = +25°C, VDD = 5 V, Logic Levels are VDD and Ground)
A
B
C
D
50%
STEP
MS1/MS2/
DIR/RESET
Dwg. WP-042
SLEEP
E
A. Minimum Command Active Time
Before Step Pulse (Data Set-Up Time) ..... 200 ns
B. Minimum Command Active Time
After Step Pulse (Data Hold Time) ............ 200 ns
C. Minimum STEP Pulse Width ...................... 1.0
µs
D. Minimum STEP Low Time ......................... 1.0
µs
E. Maximum Wake-Up Time ......................... 1.0 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com