Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6715 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6715
Description  Dual Wideband Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6715 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6715 Datasheet HTML 1Page - National Semiconductor (TI) LMH6715 Datasheet HTML 2Page - National Semiconductor (TI) LMH6715 Datasheet HTML 3Page - National Semiconductor (TI) LMH6715 Datasheet HTML 4Page - National Semiconductor (TI) LMH6715 Datasheet HTML 5Page - National Semiconductor (TI) LMH6715 Datasheet HTML 6Page - National Semiconductor (TI) LMH6715 Datasheet HTML 7Page - National Semiconductor (TI) LMH6715 Datasheet HTML 8Page - National Semiconductor (TI) LMH6715 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 4)
Human Body Model
2000V
Machine Model
150V
V
CC
±6.75V
I
OUT
(Note 3)
Common-Mode Input Voltage
±V
CC
Differential Input Voltage
2.2V
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering 10
sec)
+300˚C
Operating Ratings
Thermal Resistance
Package
(
θ
JC)(
θ
JA)
SOIC
65˚C/W
145˚C/W
Operating Temperature Range
−40˚C to +85˚C
Nominal Operating Voltage
±5V to ±6V
Electrical Characteristics
A
V = +2, RF = 500
Ω,V
CC = ±5V,RL = 100
Ω; unless otherwise specified. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
-3dB Bandwidth
V
OUT < 0.5VPP,RF = 300
Ω
280
400
MHz
LSBW
-3dB Bandwidth
V
OUT < 4.0VPP,RF = 300
Ω
170
MHz
Gain Flatness
V
OUT < 0.5VPP
GFP
Peaking
DC to 100MHz, R
F = 300
Ω
0.1
dB
GFR
Rolloff
DC to 100MHz, R
F = 300
Ω
0.1
dB
LPD
Linear Phase Deviation
DC to 100MHz, R
F = 300
Ω
0.25
deg
DG
Differential Gain
R
L = 150
Ω, 4.43MHz
0.02
%
DP
Differential Phase
R
L = 150
Ω, 4.43MHz
0.02
deg
Time Domain Response
Tr
Rise and Fall Time
0.5V Step
1.4
ns
4V Step
3
ns
Ts
Settling Time to 0.05%
2V Step
12
ns
OS
Overshoot
0.5V Step
1
%
SR
Slew Rate
2V Step
1300
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2V
PP, 20MHz
−60
dBc
HD3
3rd Harmonic Distortion
2V
PP, 20MHz
−75
dBc
Equivalent Input Noise
V
N
Non-Inverting Voltage
>1MHz
3.4
nV/
I
N
Inverting Current
>1MHz
10.0
pA/
I
NN
Non-Inverting Current
>1MHz
1.4
pA/
SNF
Noise Floor
>1MHz
−153
dB
1Hz
XTLKA
Crosstalk
Input Referred 10MHz
−70
dB
Static, DC Performance
V
IO
Input Offset Voltage
±2
±6
±8
mV
DV
IO
Average Drift
±30
µV/˚C
I
BN
Input Bias Current
Non-Inverting
±5
±12
±20
µA
DI
BN
Average Drift
±30
nA/˚C
I
BI
Input Bias Current
Inverting
±6
±21
±35
µA
DI
BI
Average Drift
±20
nA/˚C
PSRR
Power Supply Rejection Ratio
DC
46
44
60
dB
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com