Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8067
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8067 Datasheet HTML 16Page - Analog Devices AD8067 Datasheet HTML 17Page - Analog Devices AD8067 Datasheet HTML 18Page - Analog Devices AD8067 Datasheet HTML 19Page - Analog Devices AD8067 Datasheet HTML 20Page - Analog Devices AD8067 Datasheet HTML 21Page - Analog Devices AD8067 Datasheet HTML 22Page - Analog Devices AD8067 Datasheet HTML 23Page - Analog Devices AD8067 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8067
Rev. 0 | Page 21 of 24
AD8067
0.1
µF
10
µF
+5V
49.9k
Ω
50
Ω
49.9k
Ω
0.33pF
VOUT
0.1
µF
10
µF
–5V
EPM 605 LL
–5V
0.33pF
NOTES
ID @ –5V = 0.074nA
CD @ –5V = 0.690pF
RB @ 1550nm = –49dB
Using the AD8067 at Gains of Less Than 8
A common technique used to stabilize decompensated amplifiers is
to increase the noise gain, independent of the signal gain. The
AD8067 can be used for signal gains of less than 8, provided that
proper care is taken to ensure that the noise gain of the amplifier
is set to at least the recommended minimum signal gain of 8
(See Figure 54).
The signal and noise gain equations for a noninverting amplifier
are shown below.
1
3
1
R
R
Gain
Signal
+
=
1
3
1
R
R
Gain
Noise
+
=
Figure 51. Photodiode Preamplifier
Test data for the preamp is shown in Figure 52 and Figure 53.
The addition of resistor R2 modifies the noise gain equation, as
shown below. Note the signal gain equation has not changed.
FREQUENCY – MHz
100
65
70
75
80
85
90
95
60
0.01
0.1
1
10
100
2
1
3
1
R
||
R
R
Gain
Noise
+
=
AD8067
C2
0.1
µF
C1
10
µF
+5V
R2
50
Ω
C4
0.1
µF
C3
10
µF
–5V
VOUT
RL
R4
51
Ω
R3
600
Ω
VIN
1
5
4
3
2
R1
301
Ω
Figure 52. Photodiode Preamplifier Frequency Response
Figure 54. Gain of Less than 2 Schematic
M 50ns CH1 830mV
CH1 500mV
C1 RISE
31.2ns
C1 FALL
31.6ns
T
This technique allows the designer to use the AD8067 in gain
configurations of less than 8. The drawback to this type of
compensation is that the input noise and offset voltages are also
amplified by the value of the noise gain. In addition, the distortion
performance will be degraded. To avoid excessive overshoot and
ringing when driving a capacitive load, the AD8067 should be
buffered by a small series resistor; in this case, a 51 Ω resistor
was used.
Figure 53. Photodiode Preamplifier Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com