Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7485BST Datasheet(PDF) 2 Page - AMIC Technology

Part # AD7485BST
Description  1 MSPS, Serial 14-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AD7485BST Datasheet(HTML) 2 Page - AMIC Technology

  AD7485BST Datasheet HTML 1Page - AMIC Technology AD7485BST Datasheet HTML 2Page - AMIC Technology AD7485BST Datasheet HTML 3Page - AMIC Technology AD7485BST Datasheet HTML 4Page - AMIC Technology AD7485BST Datasheet HTML 5Page - AMIC Technology AD7485BST Datasheet HTML 6Page - AMIC Technology AD7485BST Datasheet HTML 7Page - AMIC Technology AD7485BST Datasheet HTML 8Page - AMIC Technology AD7485BST Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD7485–SPECIFICATIONS1
Parameter
Specification
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
2, 3
fIN = 500 kHz Sine Wave
Signal to Noise + Distortion (SINAD)
4
76.5
dB min
78
dB typ
77
dB typ
Internal Reference
Total Harmonic Distortion (THD)
4
–90
dB max
–95
dB typ
–92
dB typ
Internal Reference
Peak Harmonic or Spurious Noise (SFDR)
4
–88
dB max
Intermodulation Distortion (IMD)
4
Second-Order Terms
–96
dB typ
fIN1 = 95.053 kHz, fIN2 = 105.329 kHz
Third-Order Terms
–94
dB typ
Aperture Delay
10
ns typ
Full Power Bandwidth
40
MHz typ
@ 3 dB
3.5
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
14
Bits
Integral Nonlinearity
4
±1LSB max
±0.5
LSB typ
Differential Nonlinearity
4
±0.75
LSB max
Guaranteed No Missed Codes to 14 Bits
±0.25
LSB typ
Offset Error
4
±6LSB max
0.036
%FSR max
Gain Error
4
±6LSB max
0.036
%FSR max
ANALOG INPUT
Input Voltage
0
V min
2.5
V max
DC Leakage Current
±1
µA max
Input Capacitance
5
35
pF typ
REFERENCE INPUT/OUTPUT
VREFIN Input Voltage
2.5
V
±1% for Specified Performance
VREFIN Input DC Leakage Current
±1
µA max
VREFIN Input Capacitance
5
25
pF typ
VREFIN Input Current
6
220
A typ
External Reference
VREFOUT Output Voltage
2.5
V typ
VREFOUT Error @ 25
°C
±50
mV typ
VREFOUT Error TMIN to TMAX
±100
mV max
VREFOUT Output Impedance
1
Ω typ
LOGIC INPUTS
Input High Voltage, VINH
VDRIVE –1V min
Input Low Voltage, VINL
0.4
V max
Input Current, IIN
±1
µA max
Input Capacitance, CIN
5
10
pF typ
LOGIC OUTPUTS
Output High Voltage, VOH
7
0.7
× VDRIVE
V min
Output Low Voltage, VOL
7
0.3
× VDRIVE
V max
Floating-State Leakage Current
±10
µA max
Floating-State Output Capacitance
5
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
24
MCLKs
Track/Hold Acquisition Time
100
ns max
Sine Wave Input
70
ns max
Full-Scale Step Input
Throughput Rate
1
MSPS max
(VDD = 5 V
5%, AGND = DGND = 0 V, VREF = External, fSAMPLE = 1 MSPS; all specifica-
tions TMIN to TMAX and valid for VDRIVE = 2.7 V to 5.25 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com