Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1206C331JCGACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C331JCGACTU
Description  Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 500 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C331JCGACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C331JCGACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - c0e07277-b69b-4c17-8388-61367bcf877f
KEMET Part Number: C1206C331JCGACTU
(C1206C331JCGAC7800)
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 500 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1mm +/-0.10mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1206
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Specifications
Capacitance: 330 pF
Capacitance Tolerance: 5%
Voltage DC: 500 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 750 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C331JCGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C331J1GACTU KEMET-C1206C331J1GACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 330 pF, /-5% Tol, 100 V, C0G, 1206 (3216 metric)
C1206C331J5GACAUTO KEMET-C1206C331J5GACAUTO Datasheet
60Kb / 1P
SMD Auto C0G, Ceramic, 330 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
C1206C331J5GACTU KEMET-C1206C331J5GACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 330 pF, /-5% Tol, 50 V, C0G, 1206 (3216 metric)
C1206C331JBGACAUTO KEMET-C1206C331JBGACAUTO Datasheet
72Kb / 1P
SMD Auto C0G HV, Ceramic, 330 pF, 5%, 630 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
C1206C331JBGACTU KEMET-C1206C331JBGACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 330 pF
More results

Similar Description - C1206C331JCGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C331J5GACTU KEMET-C0402C331J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1210C331JGGACTU KEMET-C1210C331JGGACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 2,000 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C331J5GACTU KEMET-C0603C331J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C331J1GACTU KEMET-C0603C331J1GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C331J1GACTU KEMET-C0805C331J1GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 100 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C331J5GACTU KEMET-C0805C331J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C2220C331JFGACTU KEMET-C2220C331JFGACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 1,500 V, 2220, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C101JCGACTU KEMET-C1206C101JCGACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 100 pF, 5%, 500 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1812C331JDGACTU KEMET-C1812C331JDGACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 1,000 V, 1812, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C471JCGACTU KEMET-C1206C471JCGACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 470 pF, 5%, 500 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com