Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP355AKS Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP355AKS
Description  Comparator and Reference Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP355AKS Datasheet(HTML) 4 Page - Analog Devices

  ADCMP355AKS Datasheet HTML 1Page - Analog Devices ADCMP355AKS Datasheet HTML 2Page - Analog Devices ADCMP355AKS Datasheet HTML 3Page - Analog Devices ADCMP355AKS Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADCMP350–ADCMP357
Preliminary Technical Data
Rev. PrB | Page 4 of 4
OUTLINE DIMENSIONS
0.30
0.15
0.10 MAX
1.00
0.80
SEATING
PLANE
0.18
0.10
0.30
0.10
0.10 COPLANARITY
2
4
3
1
2.20
1.80
PIN 1
0.50 BSC
0.70
0.50
1.35
1.15
2.40
1.80
1.10
0.80
0.65 BSC
PACKAGE OUTLINE CORRESPONDS IN FULL TO EIAJ SC82
EXCEPT FOR WIDTH OF PIN-2 AS SHOWN
Figure 1. 4-Lead Thin Shrink Small Outline Transistor Package [SC70]
(EIAJ SC82 body)
(KS-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Type
Branding
ADCMP350AKS
-40°C to +125°C
SC70-4
M0Z
ADCMP351AKS
-40°C to +125°C
SC70-4
M10
ADCMP352AKS
-40°C to +125°C
SC70-4
M11
ADCMP353AKS
-40°C to +125°C
SC70-4
M12
ADCMP354AKS
-40°C to +125°C
SC70-4
M13
ADCMP355AKS
-40°C to +125°C
SC70-4
M14
ADCMP356AKS
-40°C to +125°C
SC70-4
M15
ADCMP357AKS
-40°C to +125°C
SC70-4
M16
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
Printed in the U.S.A.
PR04746-0-4/04(PrB)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com