Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8PS50 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # D8PS50
Description  SURFACE MOUNT SCHOTTKY RRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

D8PS50 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  D8PS50 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited D8PS50 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
D8PS20--D8PS100
Document Number: T2B409AA
www.gmicroelec.com
1
FEATURES
Super long operating life
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
MECHANICAL DATA
Case: TO-277B molded plastic body
Mounting position: ANY
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
D8
PS20
D8
PS30
D8
PS40
D8
PS45
D8
PS50
D8
PS60
D8
PS90
D8
PS100
UNITS
Maximum recurrent peak reverse voltage
VRRM
20
30
40
45
50
60
90
100
V
Maximum RMS voltage
VRMS
14
21
28
31.5
35
42
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
45
50
60
90
100
V
Maximum average forward rectified current at
TL=90℃
IF(AV)
8.0
A
Peak forward surge current
8.3ms single half sine -wave
IFSM
275
A
Thermal Characteristics
Characteristic
Symbol
D8
PS20
D8
PS30
D8
PS40
D8
PS45
D8
PS50
D8
PS60
D8
PS90
D8
PS100
UNITS
Operating temperature range
TJ
- 55 ---- +125
- 55 ---- +150
℃
Storage temperature range
TSTG
- 55 ---- +150
℃
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
D8
PS20
D8
PS30
D8
PS40
D8
PS45
D8
PS50
D8
PS60
D8
PS90
D8
PS100
UNITS
Maximum instantaneous forward voltage
at IFM=8.0A
VF
0.55
0.70
0.85
V
Maximum DC reverse current
TJ=25℃
at rated DC blocking voltage
TJ=100℃
IR
0.2
20
m A
Pb
Lead-free


Similar Part No. - D8PS50

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
D8PS100L BILIN-D8PS100L Datasheet
546Kb / 4P
Schottky Barrier Rectifiers
D8PS60L BILIN-D8PS60L Datasheet
609Kb / 4P
Schottky Barrier Rectifiers
D8PS80L BILIN-D8PS80L Datasheet
546Kb / 4P
Schottky Barrier Rectifiers
D8PS90L BILIN-D8PS90L Datasheet
546Kb / 4P
Schottky Barrier Rectifiers
More results

Similar Description - D8PS50

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR2100-2A-DO-15 DGNJDZ-SR2100-2A-DO-15 Datasheet
253Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR2200-2A-DO-15 DGNJDZ-SR2200-2A-DO-15 Datasheet
253Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB220-2A-DO-15 DGNJDZ-SB220-2A-DO-15 Datasheet
230Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB240-2A-DO-15 DGNJDZ-SB240-2A-DO-15 Datasheet
230Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB280-2A-DO-15 DGNJDZ-SB280-2A-DO-15 Datasheet
230Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB2100-2A-DO-15 DGNJDZ-SB2100-2A-DO-15 Datasheet
230Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB2200-2A-DO-15 DGNJDZ-SB2200-2A-DO-15 Datasheet
230Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR220-2A-DO-15 DGNJDZ-SR220-2A-DO-15 Datasheet
253Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR280-2A-DO-15 DGNJDZ-SR280-2A-DO-15 Datasheet
253Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR2150-2A-DO-15 DGNJDZ-SR2150-2A-DO-15 Datasheet
253Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com