Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D12PS50 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # D12PS50
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

D12PS50 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  D12PS50 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited D12PS50 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
D12PS20--D12PS100
Document Number: T2B419AA
www.gmicroelec.com
1
FEATURES
Super long operating life
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
MECHANICAL DATA
Case: TO-277B molded plastic body
Mounting position: ANY
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
D12
PS20
D12
PS30
D12
PS40
D12
PS45
D12
PS50
D12
PS60
D12
PS90
D12
PS100
UNITS
Maximum recurrent peak reverse voltage
VRRM
20
30
40
45
50
60
90
100
V
Maximum RMS voltage
VRMS
14
21
28
31.5
35
42
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
45
50
60
90
100
V
Maximum average forward rectified current
at TL=90℃
IF(AV)
12
A
Peak forward surge current
8.3ms single half sine -wave
IFSM
275
A
Thermal Characteristics
Characteristic
Symbol
D12
PS20
D12
PS30
D12
PS40
D12
PS45
D12
PS50
D12
PS60
D12
PS90
D12
PS100
UNITS
Operating temperature range
TJ
- 55 ---- +125
- 55 ---- +150
℃
Storage temperature range
TSTG
- 55 ---- +150
℃
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
D12
PS20
D12
PS30
D12
PS40
D12
PS45
D12
PS50
D12
PS60
D12
PS90
D12
PS100
UNITS
Maximum instantaneous forward voltage
at 12A
VF
0.55
0.70
0.85
V
Maximum DC reverse current TJ=25℃
at rated DC blocking voltage TJ=100℃
IR
0.2
20
m A
Pb
Lead-free


Similar Part No. - D12PS50

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
D12PS100L BILIN-D12PS100L Datasheet
610Kb / 4P
Schottky Barrier Rectifiers
D12PS60L BILIN-D12PS60L Datasheet
546Kb / 4P
Schottky Barrier Rectifiers
D12PS80L BILIN-D12PS80L Datasheet
610Kb / 4P
Schottky Barrier Rectifiers
More results

Similar Description - D12PS50

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com