Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA.700.J Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PA.700.J
Description  High efficiency wide-band antenna
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.700.J Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PA.700.J Datasheet HTML 1Page - Taoglas antenna solutions PA.700.J Datasheet HTML 2Page - Taoglas antenna solutions PA.700.J Datasheet HTML 3Page - Taoglas antenna solutions PA.700.J Datasheet HTML 4Page - Taoglas antenna solutions PA.700.J Datasheet HTML 5Page - Taoglas antenna solutions PA.700.J Datasheet HTML 6Page - Taoglas antenna solutions PA.700.J Datasheet HTML 7Page - Taoglas antenna solutions PA.700.J Datasheet HTML 8Page - Taoglas antenna solutions PA.700.J Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SPE-12-8-017/E/EZ
Page 2 of 17
1.Introduction
This revolutionary patent pending Samurai PA.700.J is a 2G/3G/4G high efficiency SMD ceramic
antenna operating at 700MHz to 960MHz, 1400MHz to 2600MHz to cover all LTE frequency
bands applied in Japan. It uses high grade ceramics to deliver the highest efficiencies on all
bands on the shortest device ground-plane lengths possible. The exceptional wide-band
response means it covers all standardly used operation bands around the globe.
1.1 Key Advantages
1. Highest efficiency in small size 40mm*6mm*5mm. A comparative metal, FR4, FPC, whip, rod,
helix antenna, would have much more reduced efficiency in this configuration for the same size
due to their different dielectric constants. Very high efficiency antennas are critical to 3G and 4G
devices ability to deliver the stated data-speed rates of systems such as HSPA and LTE.
2. More resistant to detuning compared to other antenna integrations. If tuning is required it can
be tuned for the device environment using a matching circuit or other techniques. There is no
need for new tooling, thereby saving money if customization is required.
3. Highly reliable and robust– its predecessor the PA.25 antenna is used by the world’s leading
auto makers in extremely challenging environments. The antenna meets all temperature and
mechanical specs required (vibration, drop tests etc)
4. Rectangular shape - Easy to integrate. Other antenna designs come in irregular shapes and
sizes making them hard to integrate.
5. SMD (On-Board) antenna saves on labor, cable and connector costs, leads to higher
integration yield rates, and reduces losses in transmission.
6. It mounts directly on edge of device main-board.
7. Transmission losses are kept to absolute minimum resulting in much improved over the air
(OTA) TRP (Total Radiated Power) / TIS (Total Isotropic Radiation) device performance
compared to similar efficiency cable and connector antenna solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com