Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS.06.A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # PCS.06.A
Description  SMD Dielectric Antenna
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.06.A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  PCS.06.A Datasheet HTML 1Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 2Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 3Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 4Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 5Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 6Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 7Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 8Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SPE-13-8-070/G/WY
Page 3 of 21
2.Specification Table
Electrical
Frequency
(MHz)
698~803
824~894
880~960
1710~1880
1850~1990
1920~2170
2500~2690
Peak Gain
(dBi)*
-0.21
0.77
0.61
3.05
2.92
3.17
3.72
Average Gain
(dBi)*
-2.52
-1.91
-2.16
-1.87
-1.85
-1.79
-2.30
Efficiency (%)*
45%
64.38
60.99
65.02
65.36
66.19
58.99
Return Loss
(dB)*
<-10 typ.
<-7 at the band edge
<-10 typ.
<-7 at the band edge
<-10 typ.
<-6 at the
band edge
Polarization
Linear
Impedance
50Ω
Maximum Input
Power
5W
MECHANICAL
Antenna Dimensions
42mm x 10mm x 3mm
Material
FR4
Weight
2.50g
Soldering Type
SMT through Reflow
ENVIRONMENTAL
Operation Temperature
-40°C ~ +85°C
Storage Temperature
-40°C ~ +85°C
* all measurements were done on 123*45mm EVB board with 100mm length
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com