Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS.07.A Datasheet(PDF) 13 Page - Taoglas antenna solutions

Part # PCS.07.A
Description  High Efficiency Multi-Band SMD antenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.07.A Datasheet(HTML) 13 Page - Taoglas antenna solutions

Back Button PCS.07.A Datasheet HTML 5Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 6Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 7Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 8Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 9Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 10Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 11Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 12Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 13Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SPE-13-8-028/B/WY | page 13 of 13
7. Application Note
Taoglas makes no warranties based on the
accuracy or completeness of the contents
of this document and reserves the right to
make changes to specifications and
product descriptions at any time
without notice. Taoglas reserves all
rights to this document and the
information contained herein.
Reproduction, use or disclosure to third
parties without express permission is
strictly prohibited.
Copyright © Taoglas Ltd.
6
4
2
0
-2
-4
-6
-8
-10
0
-2
-4
-6
-8
-10
-12
-14
500
1000
1500
2000
2500
3000
(MHz)
50mm Ground Plane Length
80mm Ground Plane Length
100mm Ground Plane Length
120mm Ground Plane Length
140mm Ground Plane Length
50mm Ground Plane Length
80mm Ground Plane Length
100mm Ground Plane Length
120mm Ground Plane Length
140mm Ground Plane Length
500
1000
1500
2000
2500
3000
(MHz)
Maximum Gain
Average Gain
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com