Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8079 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AND8079
Description  A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8079 Datasheet(HTML) 4 Page - ON Semiconductor

  AND8079 Datasheet HTML 1Page - ON Semiconductor AND8079 Datasheet HTML 2Page - ON Semiconductor AND8079 Datasheet HTML 3Page - ON Semiconductor AND8079 Datasheet HTML 4Page - ON Semiconductor AND8079 Datasheet HTML 5Page - ON Semiconductor AND8079 Datasheet HTML 6Page - ON Semiconductor AND8079 Datasheet HTML 7Page - ON Semiconductor AND8079 Datasheet HTML 8Page - ON Semiconductor AND8079 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AND8079/D
http://onsemi.com
4
Component Selection
Input Inductor
The input inductor (LIN) is used to isolate the input power
supply from the switching portion of the buck regulator. LIN
also limits the inrush current into the bulk input capacitors
and limits the input current slew rate that results from the
transient load. The inductor blocks the ripple current and
transfers the transient current requirement to the bulk input
capacitor bank.
The design equations for LIN are listed below and for
connivance an inductance of 1.0
mH is chosen. The cut-off
frequency of the second order LC filter provides adequate
attenuation for the 200 kHz switching frequency of the
NCP1571.
LIN +
DV
(dI dt)Max
+ 5V * 2.5 V
10 A
5
ms + 1.25 mH
f
* 3db +
1
2
p
LIN CIN
+
1
2
p
1
mH
5400
mF
+ 216 Hz
where:
LIN = input inductor
CIN = bulk input capacitor(s)
dI/dt = 10 A in 5.0
ms
Input Capacitors
The input filter capacitors provide a charge reservoir that
minimizes the supply voltage variations due to the pulsating
current through the MOSFETs. The input capacitors are
chosen primarily to meet the ripple current rating of the
capacitors.
The design equation is listed below.
ICin(RMS) + D
(1
* D)
Iout2
+ .5
(1
* .5)
102
+ 5A
where:
D = duty cycle = VOUT/VIN = 2.5 V/5.0 V = 0.5
IOUT = maximum output current
The Rubycon 10 V 1800
mf capacitors have a ripple
current rating of 2.55 A. Thus only 2 of the capacitors are
needed to meet the ripple requirements; however, 3
capacitors were chosen to be conservative.
Output Inductance
The main criterion in selecting the output filter inductance
(LOUT) is to provide a satisfactory response to the load
transients. The inductance affects the output voltage ripple
by limiting the rate at which the current can either increase
or decrease. The design equation used for selecting LOUT is
listed below. A 2.2
mH inductor was chosen for the design.
LOUT +
(VIN * VOUT)
tr
DI
+
(5 V
* 2.5 V)
10
ms
10 A
+ 2.5 mH
where:
tr = output transient load time
Output Capacitors
The output capacitors are selected to meet the desired
output ripple requirements. The key specifications for the
capacitors are their ESR (Equivalent Series Resistance) and
ESL (Equivalent Series Inductance). In order to obtain a
good transient response, a combination of low value/high
frequency ceramic
capacitors
and
bulk
electrolytic
capacitors are placed as close to the load as possible.
The voltage change during the load current transient is:
DVOUT + DIOUT
ESL
Dt )
ESR
)
tr
COUT
^ DIOUT
ESR
Empirical data indicates that most of the output voltage
change that results from the load current transients is
determined by the capacitor ESR; therefore, the maximum
allowable ESR can be approximated from the following
equation.
ESR max ^
DVOUT
DIOUT
+ 75 mV
10 A
+ 7.5 mW
The number of capacitors is calculated by using the
equation listed below.
Number of capacitors
+
ESRCAP
ESR max
+ 19 mW
7.5 m
W +
2.5
The ESR of the Rubycon 6.3 V 1800
mF capacitors is
specified at 19 m
W; therefore, 3 capacitors are used in the
design.
MOSFET Selection
The output switch MOSFETs are chosen based on the gate
charge/gate-source threshold voltage, gate capacitance, on
resistance, current rating and the thermal capacity of the
package. In this DDR design, the MOSFETs were chosen for
economical reasons and have a current and power rating that
is much better than needed for this design. In addition, the
MOSFETs selected were verified by measuring the thermal
characteristics of the devices on the PCB.
The power dissipation design equation for selecting the
MOSFETs is given below.
P
+ IMAX2
RDS(ON)
D
)
IMAX
VDS
Tr
FS
2
)
IMAX
VDS
Tf
FS
2
where:
Tr = rise time or turn-on time of MOSFET
Tf = fall time or turn-off time of MOSFET
FS = switching frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com