Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F310 Datasheet(PDF) 1 Page - Fox Electronics

Part # F310
Description  HCMOS 3.2x2.5mm 1.8V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F310 Datasheet(HTML) 1 Page - Fox Electronics

  F310 Datasheet HTML 1Page - Fox Electronics F310 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
FEATURES
• 1.8V Operation
• HCMOS Output
• Low Power Consumption
• Standby Function
• Tape and Reel (2,000 pcs. STD)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FUncTion
INH (Pin 1)
OPEN 2
'1' Level Vih ≥ 70% Vdd
'0' Level Vil ≤ 30% Vdd
PREliMinARY
Frequency
Stability1
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
Frequency
Range (MHz)
1.8432 ~ 50.000
1.8432 ~ 50.000
1.8432 ~ 50.000
1.8432 ~ 50.000
1.8432 ~ 50.000
1.8432 ~ 50.000
F310
F310R
F315
F315R
F316
F316R
Model
Number
Part Number
665-Frequency-xxxxx
676-Frequency-xxxxx
667-Frequency-xxxxx
758-Frequency-xxxxx
668-Frequency-xxxxx
759-Frequency-xxxxx
±100 PPM
±100 PPM
±50 PPM
±50 PPM
±25 PPM
±25 PPM*
• PART nUMbER SElEcTionLearn More - Internet Required
1
Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration. *Excludes Shock/Vibration
2
An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between Vdd (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary.
All specifications subject to change without notice.
1.8432 ~ 50.000 MHz
-55ºC ~ +125ºC
1.8V ± 5%
7mA
15mA
40% ~ 60%
5nS
3.5nS
5nS
3.5nS
20% Vdd
80% Vdd Min
2mA Min
-2mA Min
15pF
10µA
10mS
300nS
10mS
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range (Fo)
Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.8432 ~ 32.100 MHz
32.100+ ~ 50.000 MHz
Output Symmetry (50% Vdd)
Rise Time (20% ~ 80% Vdd) (Tr)
1.8432 ~ 32.100 MHz
32.100+ ~ 50.000 MHz
Fall Time (80% ~ 20% Vdd) (Tf)
1.8432 ~ 32.100 MHz
32.100+ ~ 50.000 MHz
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Maximum Soldering Temp/Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ElEcTRicAl cHARAcTERiSTicS
MAX (unless otherwise noted)
HcMoS 3.2x2.5mm 1.8V SMD oscillator
Rev. 5/2/2013
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F310 Series
Page 1 of 2
3.2 ± 0.2
1.2 Max
Solder Pad Layout
Recommended
2.5 ± 0.2
1.2
0.7
0.9
Pin Connections
#1 E/D
#2 GnD
#3 output
#4 V DD
0.8
#1
#2
#4
#3
#1
#4
#3
#2
Top
View
Bottom
View
Dot denotes
Pin 1
1.4
1.2
1.0
0.5
#1
All dimensions are in millimeters.


Similar Part No. - F310

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F310 FOX-F310 Datasheet
206Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results

Similar Description - F310

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F340 FOX-F340 Datasheet
85Kb / 2P
HCMOS 3.2x2.5mm 2.5V SMD Oscillator
F330A FOX-F330A Datasheet
235Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F310 FOX-F310 Datasheet
206Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
HCMOS 3.2x2.5mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com