Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F530LR Datasheet(PDF) 1 Page - Fox Electronics

Part # F530LR
Description  HCMOS 5x3.2mm 3.3V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F530LR Datasheet(HTML) 1 Page - Fox Electronics

  F530LR Datasheet HTML 1Page - Fox Electronics F530LR Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
OPTIONS
• 5.0V (F550L) Version Available
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• ENAblE / DISAblE FuNcTION
INH (Pin 1)
OPEN 2
'1' Level VIH
≥ 70% VDD
'0' Level VIL
≤ 30% VDD
HcMOS 5x3.2mm 3.3V SMD Oscillator
Rev. 5/7/2009
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F530l SERIES
Page 1 of 2
FEATuRES
• 3.3V Operation
• Standby Function
• Tape and Reel (1,000 pcs. STD)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)
1.544 ~ 155.520
1.544 ~ 155.520
1.544 ~ 155.520
1.544 ~ 155.520
1.544 ~ 155.520
1.544 ~ 155.520
1.544 ~ 77.760
F530L
F530LR
F535L
F535LR
F536L
F536LR
F538L
1.544 ~ 155.520 MHz
-55ºC ~ +125ºC
3.3V ± 10%
15mA
20mA
25mA
40mA
40% ~ 60%
7nS
7nS
10% VDD
90% VDD Min
2mA Min
-2mA Min
15pF
10µA
10mS
150nS
10mS
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
1.544 ~ 32.000 MHz
32.000+ ~ 50.000 MHz
50.000+ ~ 67.000 MHz
67.000+ ~ 155.520 MHz
Output Symmetry (50% VDD)
Rise Time (10% ~ 90% VDD) (TR)
Fall Time (90% ~ 10% VDD) (TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
(HCMOS)
Standby Current
Start-up Time
(TS)
Output Disable Time 2
Output Enable Time 2
Reflow Soldering Temp
Moisture Sensitivity Level (MSL)
Termination Finish
• ElEcTRIcAl cHARAcTERISTIcS
MAX (unless otherwise noted)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration. *Excludes Shock/Vibration
2
An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
Model
Number
Part Number
474-Frequency-xxxxx
475-Frequency-xxxxx
476-Frequency-xxxxx
550-Frequency-xxxxx
492-Frequency-xxxxx
636-Frequency-xxxxx
546-Frequency-xxxxx
• PART NuMbER SElEcTION Learn More - Internet Required
5.0 ± 0.2
1.3 Max
Solder Pad Layout
Recommended
3.2 ± 0.2
2.54±0.1
1.2
Pin Connections
#1 E/D
#2 GND
#3 Output
#4 V DD
1.0
2.25
1.24
2.54
1.29
# 1
# 2
# 4
# 3
# 1
# 2
# 3
# 4
Top
View
Bottom
View
Dot denotes
pin 1


Similar Part No. - F530LR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F530LR FOX-F530LR Datasheet
188Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
More results

Similar Description - F530LR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F537 FOX-F537 Datasheet
214Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530LA FOX-F530LA Datasheet
189Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530L FOX-F530L Datasheet
188Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F520L FOX-F520L Datasheet
167Kb / 2P
HCMOS 5x3.2mm 2.85V SMD Oscillator
logo
EUROQUARTZ limited
EQXP-HC53 EUROQUARTZ-EQXP-HC53 Datasheet
166Kb / 1P
HCMOS 5x3.2mm 3.3V OSCILLATOR
logo
Fox Electronics
FSS52 FOX-FSS52 Datasheet
439Kb / 3P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F537F539 FOX-F537F539 Datasheet
196Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
O5HA FOX-O5HA Datasheet
283Kb / 5P
HCMOS 5x3.2mm SMD Oscillator
O5HL FOX-O5HL Datasheet
243Kb / 3P
HCMOS 5x3.2mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com