Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2208D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS2208D
Description  Primary Side PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2208D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS2208D Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AS2208
Primary Side PWM Controller
ASTEC Semiconductor
78
Functional Block Diagram
OV
UVLO
COMP
2R
R
ISNS
1V
OSC
RT/CT
CM PWM
OUT
GND
1V7
3V9
2V5
(BLANK)
5V enable
(PWM)
VCC
V REG
VCC
5V Reg.
ENBL
SQ
R
ENBL
SQ
R
ENBL
SQ
R
VREG
VREG
(FAULT)
Latch Enable
VOV Latch
Fault Latch
VCC
1mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com