Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-2620 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-2620
Description  Optical Mouse Designer?셲 Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-2620 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-2620 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-2620 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-2620 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Figure 2. Exploded view drawing of optical tracking engine with
ADNS-2620 optical mouse sensor.
Figure 1. Sectional view of PCB assembly highlighting optical mouse components
(optical mouse sensor, clip, lens, LED, PCB and base plate).
PCB
Sensor
LED
Base Plate
Lens/Light Pipe
Clip
Surface
Figure 3. Circuit block diagram for ADNK-2623 designer’s kit optical mouse using the Avago ADNS-2620 optical mouse sensor and Cypress CY7C63723 en-
CoRe USB Controller.
Regulatory Requirements
• Passes FCC B and worldwide analogous emission limits
when assembled into a mouse with unshielded cable
and following Avago recommendations.
• Passes EN61000-4-4/IEC801-4 EFTB tests when
assembled into a mouse with shielded cable and
following Avago recommendations.
• UL flammability level UL94 V-0.
• Provides sufficient ESD creepage/clearance distance
to avoid discharge up to 15 kV when assembled into
a mouse according to usage instructions above.
• For eye safety consideration, please refer to the
technical report available on the web site at www.
Avago.com/semiconductors.
HDNS-2200 (Clip)
HLMP-ED80-XX000 (LED)
ADNS-2620 (Sensor)
Customer supplied PCB
HDNS-2100 (Lens)
Customer supplied base
plate with recommended
alignment features per
IGES drawing
6 MHz
(Optional)
10
9
P0.7
P0.6
XTALIN
XTALOUT
D+
D-
Vreg
P1.0
P1.1
P0.0
Vpp
VDD
GND
VDD
SDIO
SCK
LED_CNTL
SURFACE
1K ohms
100K ohms
R1
2N3906
HDNS
2100
Lens
Internal
Image
Sensor
HLMP-ED80-XX000
OSC_IN
Ceramic Resonaator
AVX
KBR-24.0-MSA
Murata
CSAL24M0X040
2.2 µF
24
MHz
OSC_OUT
REFA
7
13
8
5
14
1
12
VDD
D+
D-
GND
GND
1.3 K
0.1 µF
4.7 µF
0.1 µF
QA
QB
VDD
R
Z LED
SHLD
VDD
11
VSS
P0.5 17
6
5
1
2
8
7
3
4
16
15
P0.3
P0.2
P0.1
4
3
2
6
L
M
R
Buttons
R1 Value
(Ohms)
32.0
32.0
32.0
32.0
32.0 to 61.2
32.0 to 73.9
32.0 to 84.4
32.0 to 103
32.0 to 130
K
L
M
N
P
Q
R
S
T
HLMP-ED80
Bin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com