Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-6000 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6000
Description  Optical Mouse Designer?셲 Kit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6000 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Left Button
ADNS-6000
Optical Mouse Sensor
Wheel Button
Right Button
Z Optics
Sunplus SPCP825A
USB Controller
USB interface
MISO
MOSI
SCLK
NCS
D+/D-
SCLK/SDATA
VREG
1.3k Ohm
Avago Technologies
Firmware Configurable GPIO
The reference firmware is configured to use the GPIO pins
as shown on the schematic in Appendix A. However, it
may be more optimal to use a different I/O configuration
to meet the mechanical constraints of PCB design. The
reference firmware is designed to be easily configured
to another set of pin connections. This is accomplished
through changes in the I/O definitions at the beginning
of the SPCP825A_A6000.asm listing. The following state-
ments are the pin definitions as they exist today. The
firmware will use these definitions to read and configure
the GPIO pins, without any other modifications.
Communications between the Sunplus SPCP825A and
the ADNS-6000 are done through the integrated SPI
interface. The serial port cannot be activated while the
chip is in power down mode (NPD low) or reset (RESET
high). When the SPI is enabled thru PB0 (NCS), the PB2
(SCLK), PB1 (MISO) and PB3 (MOSI) GPIO pins serve
special functions to enable the SPI interface to talk with
external hardware. During normal operation, the Sunplus
SPCP825A SPI is always configured as a Master to output
the serial clock on PB7. Therefore, the USB microcontroller
always initiates communication. Data sent by the ADNS-
6000 optical sensor is received on the PB1 (MISO), and
data is shifted out to the ADNS-6000 through the PB3
(MOSI). See the schematic in Appendix A. When writing
to the ADNS-6000, the microcontroller drive both the
SCLK and the MOSI lines. When reading from the ADNS-
6000, the microcontroller drives both the SCLK and MOSI
lines initially. After tSRAD delay, the ADNS-6000 will drive
Figure 1. Sunplus SPCP825A - ADNS-6000 Optical Mouse Hardware Block Diagram
Hardware Implementation
The standard hardware to implement a mouse is shown
in Figure 1. For X and Y movement, the optical sensor
is used. The Z- wheel movement is detected by a set of
optical sensors that output quadrature signals. For each
button there is a switch that is pulled up internally by the
built in pull up resistors. The D - line is pulled up via a 1.3k
ohm resistor connected to the VREG pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com