Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD-ROM Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # CD-ROM
Description  USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CD-ROM Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  CD-ROM Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
Avago Technologies and Chipcon have joined forces to
produce a new wireless laser mouse reference design
kit. Based on the new Avago Technologies ADNS-6030
low power laser mouse sensor, Chipcon’s RadioDeskTM
with CC2500 2.4GHz RF transceiver, and Holtek Semi-
conductor HT82K68E and HT82K96E microcontrollers,
this reference design kit provides a low cost, power ef-
ficient and feature-rich solution in one neat package.
The Avago Technologies ADNS-6030 low power laser
mouse sensor, an 18-pin staggered dual inline pack-
age (DIP), is based on LaserStream Technology, which
measures changes in position by optically acquiring
sequential surface images (frames) and mathematically
determining the direction and magnitude of move-
ment. Its high-performance, low power architecture is
capable of sensing high-speed mouse motion while
prolonging battery life, two performance areas essen-
tial in demanding wireless applications.
The ADNS-6030 sensor along with the ADNS-6120 or
ADNS-6130-001 lens, ADNS-6230-001 clip and ADNV-
6330 VCSEL form a complete and compact laser mouse
tracking system. There is no moving part, which means
high reliability and less maintenance for the end user.
In addition, precision optical alignment is not required,
facilitating high volume assembly.
ADNK-6033-CC24
USB 2.4GHz RF Wireless Laser Mouse Designer’s Kit
Product Overview
Features
• Complete wireless laser mouse reference design kit
• Windows® 98SE, Windows 2000 and Windows XP
compatibility
• USB 1.1 low-speed compliance
• User identity code to avoid conflict with other de-
vices
• A high data rate 2.4GHz RF link
• Transmission data rate of 250Kbps
• 15 meters communication distance
• Avago Technologies’new LaserStream Technology
• Smooth surface navigation
• High speed motion detection up to 20ips and 8G
• 800cpi resolution
• Self-adjusting power-saving modes for longest bat-
tery life
• Laser fault detect circuitry on-chip in the navigation
sensor for Eye Safety Compliance
• No mechanical moving parts
• Minimal number of passive components
• High reliability


Similar Part No. - CD-ROM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CD-ROM AVAGO-CD-ROM Datasheet
189Kb / 3P
Optical Mouse Designer?셲 Kit
CD-ROM AVAGO-CD-ROM Datasheet
166Kb / 6P
USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results

Similar Description - CD-ROM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
Wireless USB Optical Mouse Designer?셲 Kit
ADNK-6033-ND24 AVAGO-ADNK-6033-ND24 Datasheet
166Kb / 6P
USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
Optical Mouse Designer?셲 Kit
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
Wireless USB Optical Mouse Designer?셲 Kit
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 BOARDCOM-ADNK-6033-CC24 Datasheet
271Kb / 8P
USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNK-6033-ND24 BOARDCOM-ADNK-6033-ND24 Datasheet
166Kb / 6P
USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNK-7053-ND24 BOARDCOM-ADNK-7053-ND24 Datasheet
98Kb / 6P
USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com