Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD-ROM Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # CD-ROM
Description  USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CD-ROM Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  CD-ROM Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Figure 2. Circuit diagram of ADNS-6030 sensor, buttons and Z-wheel schematic in ADNK-6033-ND24 designer’s kit wireless laser mouse
Schematic Design of Overall Circuit
C108
10nF
+
1
+
3
+
5
+
7
+

+

+
6
+
8
H10
CON8AP
1

SW10
Left_Sw
1
NTE151P
Q101
R108
7KR
1

SW103
Right_Sw
1

SW10
Z_Sw
W103 Blk
W101 Red
C109
1uF
C105
1uF
JP10
C106
100nF
R111
10R
R107
7KR
JP103
1

SW101
Connect
+
1
+
3
+
5
+
7
+

+

+
6
+
8
H101
CON8AP
1

3
SW105
ENCODER SW
C110
10nF
C107
1uF
C111
70pF
D10
ADNV-630
XCLK
1
MISO

AGND
9
AVDD
10
TAP
13
TAN 1
TD0
18
TD1
17
LASER_NEN 6
GND
7
VDD
16
MOTION
5
NCS
1
AGND
11
SCLK
3
MOSI

XY_LASER 8
GND
15
U101 ADNS-6030
C11
100nF
VDD
VDD
VDD
VDD
VDD
VDD
LINK TO H103
LINK TO H10
W10 Red
W10 BIL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com