Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-MT00 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MT00
Description  Moonstone Tri-Color Power LED Light Source
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MT00 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MT00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MT00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MT00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MT00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MT00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MT00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MT00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MT00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MT00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Dimensions
Device Selection Guide (Tj = 25°C)
Part Number
Color
Luminous Flux,
ΦV [1,2] (lm)
Test Current
(mA)
Dice Technology
Min.
Typ.
Max.
ASMT-MT00
Red
33.0
40.0
56.0
350
AlInGaP
Green
73.0
85.0
124.0
InGaN
Blue
9.0
13.0
19.5
InGaN
Notes:
1.
ΦV is the total luminous flux output as measured with an integrating sphere at 25ms mono pulse condition.
2. Flux tolerance is ±10%.
Metal Slug
( Heat Sink)
10.00
8.50
0.64
5.25
10.50
1.27
3.30
R+
G+
B+
R+
G- R-
B-
1.27
∅ 8.00
Notes:
1. All dimensions in millimeters.
2. Tolerance is ±0.1 mm unless otherwise specified.
3. Metal slug is connected to the anode of Red.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com