Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-MW09 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MW09
Description  MoonstoneTM 1W Power LED Light Source
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MW09 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MW09 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW09 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW09 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW09 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW09 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW09 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW09 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW09 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW09 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Dimensions
NOTES:
1.ALL DIMENSIONS IN MILLIMETERS.
2.TOLERANCE IS ±0.1MM UNLESS OTHERWISE SPECIFIED.
Device Selection Guide at Junction Temperature Tj = 25°C
Luminous Flux, Φv[1,2,3] (lm)
Test Current
Color
Part Number
Min
Typ
Max
(mA)
Dice Technology
Cool White
ASMT-MW09
56.0
80.0
95.0
350
InGaN
Notes:
1. ΦV is the total luminous flux output as measured with an integrating sphere at 25ms mono pulse condition.
2. Flux tolerance is ±10 %



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com