Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5100 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5100
Description  Optical Mouse Designer?셲 Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5100 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCLK
SDIO
ADNS-5020-EN
NCS
NRESET
XY_LED
VCC
P1.0
P0.7
P1.1
P0.6
P1.2
P0.5
P1.3
P0.4
P1.6
P1.7
P0.2
P0.3
D+/SCLK
D-/SDAT
P1.4
P1.5
XOUT
P0.0
VREG
P0.1
XIN/P2.1
VPP
GND
1
2
3
4
Vcc
QA
QB
21
22
23
24
8
1
4
3
J1
VBUS
GND
D+
D-
Vcc
POWER
R13
1.30K
13
11
12
1
2
10
9
Q1
2
R2
240
D2
Z-LED
Z-ENCODER
Vcc
R4
27K
R3
27K
1
3
Vcc
14
C7
0.1
SW2
middle
SW1
SW3
right
left
5
20
6
19
8
17
2
C2
4.7
7
18
U1
5
6
3
4
16
15
GND
C1
0.1
XY_LED
D1
HLMP-ED80
+ 5V
REG0
C4
3.3
C3
0.1
7
Recommended
LED bin :
Bin K and above
(K, L, M, N,...)
Cypress
CY7C63743
Figure 1. Circuit-level block diagram for ADNK-5023-CY02 designer’s kit optical mouse using the Avago Technologies ADNS-5020-EN
optical mouse sensor.
Sensor
LED
Clip
PCB
Lens/Light Pipe
Base Plate
Surface
Figure 2. Sectional view of PCB assembly highlighting all optical mouse components (optical mouse sensor, clip, lens, LED, PCB, and
base plate).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com