Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7050 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-7050
Description  Complete laser mouse reference design kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7050 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-7050 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Figure 1. Sectional view of PCB assembly highlighting all optical mouse components
(optical mouse sensor, clip, lens, LASER, PCB, and base plate).
SENSOR
VSCEL PCB
BASE PLATE
LENS
SURFACE
VSCEL
CLIP
PCB
The Texas Instruments MSP430F1222 is the
ultra low-power mixed signal microcontroller
with a built-in 16-bit timer, 10-bit A/D converter
with integrated reference and data transfer
controller (DTC) and twenty-two I/O pins. In
addition, the MSP430F1222 microcontroller has
built-in
communication
capability
using
asynchronous (UART) and synchronous (SPI)
protocols. The architecture, combined with five
low power modes is optimized to achieve
extended battery life on wireless application.
The Nordic nRF2402 and nRF2401A are the
low power single-chip radio transmitter and
transceiver for the world wide 2.4 - 2.5 GHz
ISM band. The entire transmitter and transceiver
including all inductors and filters are integrated
in each single chip respectively which gives the
lowest cost solution to the end user. All
configurations of the nRF2402 transmitter and
nRF2401A transceiver are done via a standard
serial interface. The nRF devices include the
ShockBurst engine which allow for high datarates
on
air
using
low
datarates
between
the
microcontroller and the nRF device, it will also
automatically validate the packets adress and
CRC, further reducing the microcontrollers
processing tasks.
The
Cypress
CY7C63231A
enCoRe
 is a
revolutionary chip that integrates numerous
common components, including breakthrough
crystal-less oscillator. The result is an overall
reduction in board components and reduced
system cost. The EPROM based microcontroller
allows easy firmware modification, as well as
storage of Vendor and Product ID
s without
an external EEPROM.
This kit is connectable to a PC via the USB
port. It is based on the 2.4GHz RF technology,
the data generated from displacement detection
/ button status in the laser mouse is encoded
with a pre-defined serial type protocol handled
by firmware in the MCU. In the RF stage, the
encoded data is used for GFSK modulation.
The captured data from the RF receiver stage
is decoded with a corresponding packet format
used for mouse applications. The final data is
sent to the host through the USB interface.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com