Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS67 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGS67
Description  65 MHz, 25.5 dB gain reverse amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGS67 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGS67 Datasheet HTML 1Page - NXP Semiconductors BGS67 Datasheet HTML 2Page - NXP Semiconductors BGS67 Datasheet HTML 3Page - NXP Semiconductors BGS67 Datasheet HTML 4Page - NXP Semiconductors BGS67 Datasheet HTML 5Page - NXP Semiconductors BGS67 Datasheet HTML 6Page - NXP Semiconductors BGS67 Datasheet HTML 7Page - NXP Semiconductors BGS67 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2002 Sep 06
4
Philips Semiconductors
Product specification
65 MHz, 25.5 dB gain reverse amplifier
BGS67A
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
02-02-28
02-06-06
IEC
JEDEC
JEITA
SOT567A
0
5
10 mm
scale
Leadless surface mounted package; plastic cap; 8 terminations
SOT567A
A
c
E1
D
12
3
4
87
6
5
12
3
4
87
6
5
D1
E
pin 1 index
UNIT
mm
1.8
1.6
2.55
2.35
7.6
7.1
2.7
bb1
DIMENSIONS (mm are the original dimensions)
A
19.3
18.7
D
2.55
2.35
Z6
1.6
1.4
Z7
0.7
0.5
Z8
5.55
5.35
ZD
2.6
2.4
Z4
3.45
3.25
Z5
1.9
1.7
Z3
1.3
1.1
Z2
2.15
1.95
1.6
1.4
Z1
Z
0.71
0.57
c
18.85
18.55
D1
11.3
10.7
Ee
10.85
10.55
1.3
1.1
E1
L
Dimensions solder resist
Dimensions of terminations
ZD (2×)
L
(6
×)
b (8
×)
b1 (8×)
Z7
(12
×)
Z8 (10×)
Z2 (35×)
Z6 (2×)
Z5
(2
×)
Z1
(6
×)
Z3
(35
×)
Z4 (2×)
Z (4
×)
e
(6
×)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com