Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFEM-S257 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFEM-S257
Description  GaAs E-pHEMT, pHEMT and FBAR technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFEM-S257 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFEM-S257 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFEM-S257 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFEM-S257 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFEM-S257 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFEM-S257 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFEM-S257 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFEM-S257 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFEM-S257 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFEM-S257 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Electrical Specifications
Absolute Minimum and Maximum Ratings
Table 1. Minimum and Maximum Ratings
Parameter
Specifications
Comments
Description
Pin
Min.
Max.
Unit
Supply Voltage
VDD1_TX
2.9
5.5
V
Supply Voltage
VDD2_TX
2.9
5.5
V
Supply Voltage
VDD_RX
2.7
5.5
V
LNA1 High/Low Gain
LNA1_MODE
0
3.3
V
LNA2 High/Low Gain
LNA2_MODE
0
3.3
V
PA Bias Control
VREF
5.5
V
PA Mode Control
PA_MODE
1.65
5.5
V
PA Enable
PA_EN
1.65
5.5
V
Switch Select ANT1
ANTSW1
0
4.8
V
Switch Select ANT2
ANTSW2
0
4.8
V
Switch Select RX1
TRSW11
0
4.8
V
Switch Select TX1
TRSW12
0
4.8
V
Switch Select RX2
TRSW21
0
4.8
V
Switch Select TX2
TRSW22
0
4.8
V
RF Input
TX
15
dBm
Using 16 QAM 3/4
RF Output
ANT1
25
dBm
Using 16 QAM 3/4
RF Output
ANT2
25
dBm
Using 16 QAM 3/4
Ch. 1 Receiver Output
RX1
10
dBm
Ch. 2 Receiver Output
RX2
10
dBm
Channel Temperature
150
°C
Storage Temperature
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com