Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALMD-LB36 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-LB36
Description  Well-defined spatial radiation pattern
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-LB36 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALMD-LB36 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALMD-LB36 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALMD-LB36 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-LB36 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-LB36 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-LB36 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-LB36 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-LB36 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-LB36 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Avago Technologies
- 2 -
ALMD-LL36, ALMD-LG36, ALMD-LM36, ALMD-LB36
Data Sheet
Package Dimensions
Package Dimensions
NOTE
1.
All dimensions in millimeters (inches).
2.
Tolerance is ± 0.20 mm unless other specified.
3.
Copper lead frame.
Device Selection Guide
Part Number
Color and Dominant
Wavelength
d (nm) Typ
a
a.
Dominant wavelength,
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Luminous Intensity Iv (mcd)b,c,d
b.
The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
c.
The optical axis is closely aligned with the package mechanical axis.
d.
Tolerance for each bin limit is ± 15%.
Viewing Angle Typ - ° e
e.
½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
Min
Max
ALMD-LG36-WZ002
Red 626
1380
2900
40° × 100°
ALMD-LL36-WZ002
Amber 590
1380
2900
40° × 100°
ALMD-LM36-14002
Green 525
2900
6050
40° × 100°
ALMD-LB36-SV002
Blue 470
660
1380
40° × 100°
3.40±0.50
2.50±0.20
5.20±0.50
1.4 (4X)
1.0
A
A
C
C
A - Anode
C - Cathode
Orientation
(Anode Mark)
4.20±0.20
4.20±0.20
4.75±0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com