Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG.09.0113 Datasheet(PDF) 9 Page - Taoglas antenna solutions

Part # TG.09.0113
Description  Rotatable hinge design for optimal reception
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG.09.0113 Datasheet(HTML) 9 Page - Taoglas antenna solutions

Back Button TG.09.0113 Datasheet HTML 5Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 6Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 7Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 8Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 9Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 10Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 11Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 12Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 13Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
SPE-16-8-032/L/NW
Page 9 of 37
3.5
Peak Gain
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900
Frequency [MHz]
Free Space Straight
Free Space Bend
150mm x 90mm Straight
150mm x 90mm Bend
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900
Frequency [MHz]
300mm x 300mm Center Straight
300mm x 300mm Center Bend
300mm x 300mm Edge Straight
300mm x 300mm Edge Bend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com