Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC74M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC74M
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC74M Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC74M Datasheet HTML 1Page - Texas Instruments CD74AC74M Datasheet HTML 2Page - Texas Instruments CD74AC74M Datasheet HTML 3Page - Texas Instruments CD74AC74M Datasheet HTML 4Page - Texas Instruments CD74AC74M Datasheet HTML 5Page - Texas Instruments CD74AC74M Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CD54AC74, CD74AC74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR AND PRESET
SCHS231D – SEPTEMBER 1998 – REVISED DECEMBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply voltage
1.5
5.5
1.5
5.5
1.5
5.5
V
VCC = 1.5 V
1.2
1.2
1.2
VIH
High-level input voltage
VCC = 3 V
2.1
2.1
2.1
V
VCC = 5.5 V
3.85
3.85
3.85
VCC = 1.5 V
0.3
0.3
0.3
VIL
Low-level input voltage
VCC = 3 V
0.9
0.9
0.9
V
VCC = 5.5 V
1.65
1.65
1.65
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
IOH
High-level output current
VCC = 4.5 V to 5.5 V
–24
–24
–24
mA
IOL
Low-level output current
VCC = 4.5 V to 5.5 V
24
24
24
mA
∆t/∆v
Input transition rise or fall rate
VCC = 1.5 V to 3 V
50
50
50
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 3.6 V to 5.5 V
20
20
20
ns/V
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
1.5 V
1.4
1.4
1.4
IOH = –50 µA
3 V
2.9
2.9
2.9
4.5 V
4.4
4.4
4.4
VOH
VI = VIH or VIL
IOH = –4 mA
3 V
2.58
2.4
2.48
V
IOH = –24 mA
4.5 V
3.94
3.7
3.8
IOH = –50 mA†
5.5 V
3.85
IOH = –75 mA†
5.5 V
3.85
1.5 V
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
4.5 V
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 12 mA
3 V
0.36
0.5
0.44
V
IOL = 24 mA
4.5 V
0.36
0.5
0.44
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
40
µA
Ci
10
10
10
pF
† Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage to minimize
power dissipation. Test verifies a minimum 50-
Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive capability at 125°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com