Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT00E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT00E
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT00E Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT00E Datasheet HTML 1Page - Texas Instruments CD74ACT00E Datasheet HTML 2Page - Texas Instruments CD74ACT00E Datasheet HTML 3Page - Texas Instruments CD74ACT00E Datasheet HTML 4Page - Texas Instruments CD74ACT00E Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CD54ACT00, CD74ACT00
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCHS308B – JANUARY 2001 – REVISED JUNE 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description
The ‘ACT00 devices contain four independent 2-input NAND gates. Each gate performs the Boolean function
of Y = A
S B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT00E
CD74ACT00E
55
°Cto125°C
SOIC
M
Tube
CD74ACT00M
ACT00M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74ACT00M96
ACT00M
CDIP – F
Tube
CD54ACT00F3A
CD54ACT00F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
H
L
L
XH
X
L
H
logic diagram, each gate (positive logic)
A
B
Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
CD54ACT00 ...F PACKAGE
CD74ACT00 ...E OR M PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74ACT00E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT00E TI-CD74ACT00E Datasheet
29Kb / 5P
Quad 2-Input NAND Gate
CD74ACT00E TI-CD74ACT00E Datasheet
301Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD74ACT00E TI1-CD74ACT00E Datasheet
870Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD74ACT00E TI2-CD74ACT00E Datasheet
1Mb / 22P
CDx4ACT00 Quadruple 2-Input Positive-nand Gates
REVISED AUGUST 2024
CD74ACT00E TI2-CD74ACT00E Datasheet
1Mb / 22P
CDx4ACT00 Quadruple 2-Input Positive-nand Gates
REVISED AUGUST 2024
More results

Similar Description - CD74ACT00E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHC00 UTC-U74AHC00_15 Datasheet
181Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com