Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS-CD3FRD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BS-CD3FRD
Description  SINGLE DIGIT LED DISPLAYS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS-CD3FRD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BS-CD3FRD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-AD31RD
BS-CD31RD
GaAsP/Red
655
40
320
40
200
6.8
8.0
6.0
BS-AD35RD
BS-CD35RD
BS-AD35RE
BS-CD35RE
GaP/ Bright Red
700
90
130
15
50
8.8
8.4
8.0
BS-AD32RD
BS-CD32RD
GaP/ Green
568
30
250
30
150
8.8
8.4
12.0
BS-AD33RD
BS-CD33RD
GaAsP/GaP/ Yellow
585
35
250
30
150
8.4
8.4
10.0
GaAsP/GaP/ Hi-Eff.Red
BS-AD34RD
BS-CD34RD
GaAsP/GaP/ Orange
635
45
250
30
150
8.0
8.4
12.0
BS-AD36RD
BS-CD36RD
GaAlAs/ SH Super Red
660
20
250
30
150
6.8
8.4
18.0
2.00"
Alpha
Numeric
Single-Digit
BS-AD3FRD
BS-CD3FRD
GaAlAs/ DDH Super Red
660
20
250
30
150
8.0
8.4
25.0
SD-55
BS-AD51RD
BS-CD51RD
GaAsP/Red
655
40
160
40
200
3.4
4.0
5.0
BS-AD55RD
BS-CD55RD
BS-AD55RE
BS-CD55RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
7.0
BS-AD52RD
BS-CD52RD
GaP/ Green
568
30
120
30
150
4.4
5.0
10.0
BS-AD53RD
BS-CD53RD
GaAsP/GaP/ Yellow
585
35
120
30
150
4.4
5.0
8.0
GaAsP/GaP/ Hi-Eff.Red
BS-AD54RD
BS-CD54RD
GaAsP/GaP/ Orange
635
45
160
30
150
4.0
5.0
10.0
BS-AD56RD
BS-CD56RD
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
16.0
2.00"
Single-Digit
BS-AD5FRD
BS-CD5FRD
GaAlAs/ DDH Super Red
660
20
160
30
150
4.0
5.0
22.0
SD-56
SD-55
BS-
A
CD3xRD
SD-56
BS-A
CD5xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
11
C
13
1
A1
16
B
18
A2
8
E
10
D1
9
D2
4
F
L
17
6
N
G1
14
M
7
P
512
DP2
48.00(1.890)
45.00(1.772)
11.00(.433)
3.00(.118)MIN.
2.54x8=20.32(.800)
E0.50(.020)
G2
G1
F
L
A1
J K
A2
B
E
M
D1
D2
N
P
C
DP2
G2
15
J
3
K
2
DP1
E4.5(.177)
PIN 1.
+
29.20(1.150)
50.80(2.00)
10B
65.00(2.559)
BS-AD3xRD
2.0(.079)
15.24(.600)
E0.45(.018)
58.0(2.28)
66.0(2.598)
10B
27.94(1.1)
3.00(.118) MIN.
2.54x6=15.24(0.60)
E0.5(.020)
50.8(2.00)
PIN.1
+
8
4-R4(.157)
D
DP
9
*4.5 0.5(.177 .02)
AA
18.0(.709)
E
F
B
C
G
A
A
B
14
5
2
1
12
6
BS-AD5xRD
58.0(2.28)
4,11
C
D
F
E
G
DP
52.0(2.047)
44.0(1.732)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-CD3FRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-CD11RD ETC-BS-CD11RD Datasheet
127Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-CD12RD ETC-BS-CD12RD Datasheet
127Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-CD13RD ETC-BS-CD13RD Datasheet
127Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-CD14RD ETC-BS-CD14RD Datasheet
127Kb / 1P
SINGLE DIGIT LED DISPLAYS
logo
BRIGHT LED ELECTRONICS ...
BS-CD14RD BRIGHT-BS-CD14RD Datasheet
146Kb / 3P
2.30(56.90MM)single DIGIT LED DISPLAY
More results

Similar Description - BS-CD3FRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
SINGLE DIGIT LED DISPLAYS
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
SINGLE DIGIT LED DISPLAYS
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com