Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV321
Description  General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMV321 Datasheet HTML 14Page - National Semiconductor (TI) LMV321 Datasheet HTML 15Page - National Semiconductor (TI) LMV321 Datasheet HTML 16Page - National Semiconductor (TI) LMV321 Datasheet HTML 17Page - National Semiconductor (TI) LMV321 Datasheet HTML 18Page - National Semiconductor (TI) LMV321 Datasheet HTML 19Page - National Semiconductor (TI) LMV321 Datasheet HTML 20Page - National Semiconductor (TI) LMV321 Datasheet HTML 21Page - National Semiconductor (TI) LMV321 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Application Notes (Continued)
where for all three filters,
(11)
(12)
A design example for a bandpass filter is shown below:
Assume the system design requires a bandpass filter with f
O
= 1kHz and Q = 50. What needs to be calculated are
capacitor and resistor values.
First choose convenient values for C
1,R1 and R2:
C
1 = 1200pF
2R
2 =R1 = 30k
Ω
Then from Equation (11),
From Equation (12),
From the above calculated values, the midband gain is H
0 =
R
3/R2 = 100 (40dB). The nearest 5% standard values have
been added to Figure 15.
4.5 PULSE GENERATORS AND OSCILLATORS
A pulse generator is shown in Figure 16. Two diodes have
been used to separate the charge and discharge paths to
capacitor C.
10006039
FIGURE 15. State Variable Active Filter
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com