Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20HT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS20HT1G
Description  High Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS20HT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BAS20HT1G Datasheet HTML 1Page - ON Semiconductor BAS20HT1G Datasheet HTML 2Page - ON Semiconductor BAS20HT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS20H
www.onsemi.com
2
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 30 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
D.U.T.
VR
100
mH
0.1
mF
50
W Output
Pulse
Generator
50
W Input
Sampling
Oscilloscope
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 3.0 mA
OUTPUT PULSE
(IF = IR = 30 mA; MEASURED
at iR(REC) = 3.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
Figure 2. Forward Current
Figure 3. Leakage Current
1000
VF, FORWARD VOLTAGE (V)
0.1
0.2
0.4
0.6
100
10
1.0
0.8
1.0
1.2
1.4
0
100
VR, REVERSE VOLTAGE (V)
1.0
0.001
50
0
10
0.1
100
150
200
250
0.01
300
125
°C
150
°C
−40
°C
25
°C
55
°C
125
°C
150
°C
−40
°C
25
°C
55
°C
Figure 4. Total Capacitance
2.0
VR, REVERSE VOLTAGE (V)
0
5.0
10
15
1.8
0.4
0.2
20
25
30
35
0
0.8
0.6
1.2
1.0
1.6
1.4
f = 1 MHz
IE = 0 A
TA = 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com