Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD10060 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CSD10060
Description  ZERO RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSD10060 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CSD10060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD10060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD10060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD10060 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD10060 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CSD10060
Page 5 • CSD10060, Rev C
Package Dimensions (Cont.)
Package TO-263-2
Part Number
Package
Marking
CSD10060A
TO-220-2
CSD10060
CSD10060B
TO-220-3
CSD10060
CSD10060G
TO-263-2
CSD10060
This product has not been designed or tested for
use in, and is not intended for use in, applications
implanted into the human body nor in applications
in which failure of the product could lead to death,
personal injury or property damage, including but
not limited to equipment used in the operation of
nuclear facilities, life-support machines, cardiac
defibrillators or similar emergency medical
equipment, aircraft navigation or communication or
control systems, air traffic control systems, or
weapons systems.
Copyright © 2001 Cree, Inc. All rights reserved.
Permission is given to reproduce this document
provided the entire document (including this
copyright notice) is duplicated.
The information in this document is subject to
change without notice.
Cree and the Cree logo are trademarks of Cree,
Inc.
Cree, Inc.
Power Products
4600 Silicon Drive
• Durham, NC 27703 • USA
Tel: 919-313-5300
• Fax: 919-313-5451
www.cree.com
A
B
C
D
E
F
G
H
J
L
M
N
P
Q
R
S
T
U
V
W
K
Min
Max
Min
Max
A
.396
.406
10.058
10.312
B
.297
.303
7.544
7.696
C
.057
.063
1.448
1.600
D
.237
.243
6.015
6.167
E
.050
.070
1.270
1.778
F
.048
.052
1.219
1.321
G
H
.335
.345
8.509
8.763
J
.028
.032
.711
.813
K
2.0°
4.0°
2.0°
4.0°
L
.170
.180
4.318
4.572
M
.048
.052
1.219
1.321
N
.595
.615
15.113
15.621
P
0.00
.010
0.00
.254
Q
R0.018TYP R0.022TYP R0.457TYP R0.559TYP
R
.090
.110
2.286
2.794
S
.013
.017
.330
.432
T
6.5°
8.5°
6.5°
8.5°
U
.103
.107
2.616
2.718
V
R0.028TYP R0.032TYP R0.711TYP R0.813TYP
W
--
5.0°
--
5.0°
POS
Inches
Millimeters
.100TYP
2.540TYP
¡
¡
¡
PIN 1
PIN 2
CASE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com